Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCTX2CS Datasheet(PDF) 5 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # SCTX2CS
Description  Five-function remote control IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

SCTX2CS Datasheet(HTML) 5 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

  SCTX2CS Datasheet HTML 1Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SCTX2CS Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SCTX2CS Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SCTX2CS Datasheet HTML 4Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SCTX2CS Datasheet HTML 5Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SCTX2CS Datasheet HTML 6Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SCTX2CS Datasheet HTML 7Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
深圳市富满电子有限公司
SHENZHEN FUMAN ELECTRONICS CO., LTD.
SCTX2CS/SCDRX2ES (文件编号:S&CIC1502)
五功能遥控 IC
www.superchip.cn
第
5 页共 7 页
Version 1.0
九、应用参考电路
接收(
SCDRX2ES)
MG2
MOTOR
C7
47pF
R7
560R
VDD1
3V
ANT1
ANT
C19
0.1uF
L2
27M
C15
332P
C18
2200pF
U3
118
NC
1
INA
2
INB
3
VDD
4
OUB
5
AGND
6
PGND
7
OUTA
8
R8
1K
C8
0.1uF
R1
3.3K
C1
100uF
Q2
2712-LY
C2
10pF
R3
150K
D1
1N5817
C11
0.1uF
R6
3.9M
C16
0.1uF
C4
104P
R4
3.9M
Q1
8050D
C17
0.1uF
U1
118
NC
1
INA
2
INB
3
VDD
4
OUB
5
AGND
6
PGND
7
OUTA
8
C10
4.7uF
C5
47000pF
R5 2.2K
C6
470pF
C12
0.1uF
C13
0.1uF
C9
0.1uF
MG1
MOTOR
L3
3.3uH
C3
47pF
R2
2.2K
C14
220uF
L1
100uH
U2
SCDRX2ES
R10
2.2K
注:如上图中
C5 和 C18 请根据高频电路送来的信号来决定容量,C5 通常在 10nF~47nF 之间;C18 在 0.22nF~10nF
之间。
发射(
SCTX2CS)
RIGHTB
TESTB
GND
BACK WARDB
FOR WARDB
TURBOB
SC
SO
VDD
PC
OSCO
OSCI
FOSC
LEFTB
1
2
3
4
5
6
78
9
10
11
12
13
14
W1
W2
W3
W4
W5
R4 220K
C10
104P
D2
3.9V
R2
10K
R6
1K
D3
LED
R1 47K
Y1
27.145M
L1
L2
L3
L4
2.2uH
2.2uH
2.2uH
5.6-6.8uH
C1
203pF
C3
150pF
C7
18-24pF
C8
24pF
Q1
8050D/J3Y
C6
47pF
C4
47pF
C5
47pF
C11
103P
R3
10R
Q2
8050D/J3Y
VCC
E1
ANTENNA
R5 限流电阻
注:以上接收、发射电路参数仅供参考,具体请根据实际设计要求确定。



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com