Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCTX2CS Datasheet(PDF) 1 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # SCTX2CS
Description  Five-function remote control IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

SCTX2CS Datasheet(HTML) 1 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

  SCTX2CS Datasheet HTML 1Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SCTX2CS Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SCTX2CS Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SCTX2CS Datasheet HTML 4Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SCTX2CS Datasheet HTML 5Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SCTX2CS Datasheet HTML 6Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SCTX2CS Datasheet HTML 7Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
深圳市富满电子有限公司
SHENZHEN FUMAN ELECTRONICS CO., LTD.
SCTX2CS/SCDRX2ES (文件编号:S&CIC1502)
五功能遥控 IC
www.superchip.cn
第
1 页共 7 页
Version 1.0
一、概述
SCTX2CS/SCDRX2ES 是一对 CMOS 集成芯片,专设计用于遥控车应用方面。SCTX2CS/SCDRX2ES 有 5 个控
制键用于控制遥控车的动作
(如前进、后退、右转、左转和旋转功能)。
SCDRX2ES 专设计用于低电压工作环境,内置升压电路,通过简单外接电路,将保证低供电电压下芯片安全稳
定的工作。应用时可选择内置升压,也可选择外接较高电压
3~3.6V。
二、特点
SCTX2CS 工作电压范围:2.2V~4.8V
SCDRX2ES 工作电压范围:1.0V~3.6V(使用 DC-DC)
1.8V~3.6V(不使用 DC-DC)
SCDRX2ES 内建 DC-DC,可在超低压或电源电压不太稳定的情况下安全工作,可选择是否使用 DC-DC,
使用
DC-DC 时所选外围器件简单:启动电压 1.0V,维持电压 0.8V,输出 3.0V±0.2V/标准档。
SCDRX2ES 内建两个高效率的放大器且微弱输入信号有较强识别能力,从而提高遥控距离
静态电流低
需用少许外接元件
两种不同的信号输出格式:
RF 格式和 IR 格式发送代码
封装形式:
SCTX2CS(DIP-14、SOP-14 或 SOP-16);SCDRX2ES(SOP-16)
三、产品应用
可应用于迷你型小汽车、摩托车、滑板车、陀螺、战车等遥控控制。
PAD 图
MODE
BACK
FORW
TURBO
VCC
VI1
VI2
VO1
VO2
GND
SI
OSCI
OSCO
RIGHT
LEFT
LX
SCDRX2ES
IC 衬底接 VCC
SO
SC
VDD
TURBO
PC
OSCO
OSCI
FOSC
LEFT
RIGHT TEST
GND
BACK
FOR
SCTX2CS
IC 衬底接 VDD


Similar Part No. - SCTX2CS

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SCTX2-93-2W MINI-SCTX2-93-2W Datasheet
315Kb / 2P
RF Transformer
SCTX2-93-2W+ MINI-SCTX2-93-2W+ Datasheet
315Kb / 2P
RF Transformer
logo
celduc-relais
SCTX2110 CELDUC-SCTX2110 Datasheet
124Kb / 2P
Three Phase Solid State Relays
logo
List of Unclassifed Man...
SCTX2B ETC1-SCTX2B Datasheet
180Kb / 6P
SCTX2B/RX2FS
logo
SHENZHEN FUMAN ELECTRON...
SCTX2B FUMAN-SCTX2B Datasheet
269Kb / 7P
Five-function remote control IC
More results

Similar Description - SCTX2CS

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SM-T2 SAMHOP-SM-T2 Datasheet
55Kb / 8P
REMOTE CONTROLLER WITH FIVE FUNCTION
logo
Mitsubishi Electric Sem...
M5848OP MITSUBISHI-M5848OP Datasheet
247Kb / 4P
30-Function Remote-control Transmitters
M58480P MITSUBISHI-M58480P Datasheet
241Kb / 4P
30-FUNCTION REMOTE-CONTROL TRANSMITTERS
logo
SHENZHEN FUMAN ELECTRON...
FMRX2AM FUMAN-FMRX2AM Datasheet
183Kb / 3P
Five-function remote control receiving IC
FMRX2M FUMAN-FMRX2M Datasheet
182Kb / 3P
Five-function remote control receiving IC
SCTX2B FUMAN-SCTX2B Datasheet
269Kb / 7P
Five-function remote control IC
TC4016 FUMAN-TC4016 Datasheet
363Kb / 5P
Four/five function remote control toy car launch IC
TCRX3E FUMAN-TCRX3E Datasheet
102Kb / 2P
Two-function remote control receiving IC
TCX3E FUMAN-TCX3E Datasheet
194Kb / 3P
Two-function remote control IC
TX3E FUMAN-TX3E Datasheet
134Kb / 5P
Two-function remote control car IC built-in motor drive
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com