Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A19350LUBATN-RBE Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # A19350LUBATN-RBE
Description  High Accuracy GMR Wheel Speed and Direction Sensor IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A19350LUBATN-RBE Datasheet(HTML) 3 Page - Allegro MicroSystems

  A19350LUBATN-RBE Datasheet HTML 1Page - Allegro MicroSystems A19350LUBATN-RBE Datasheet HTML 2Page - Allegro MicroSystems A19350LUBATN-RBE Datasheet HTML 3Page - Allegro MicroSystems A19350LUBATN-RBE Datasheet HTML 4Page - Allegro MicroSystems A19350LUBATN-RBE Datasheet HTML 5Page - Allegro MicroSystems A19350LUBATN-RBE Datasheet HTML 6Page - Allegro MicroSystems A19350LUBATN-RBE Datasheet HTML 7Page - Allegro MicroSystems A19350LUBATN-RBE Datasheet HTML 8Page - Allegro MicroSystems A19350LUBATN-RBE Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
High Accuracy GMR Wheel Speed and Direction Sensor IC
A19350
3
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
Characteristic
Symbol
Notes
Rating
Unit
Supply Voltage
VCC
Refer to Power Derating section; potential between pin 1 and pin 2
28
V
Reverse Supply Voltage
VRCC
–18
V
Operating Ambient Temperature
TA
–40 to 150
°C
Maximum Junction Temperature
TJ(max)
165
°C
Storage Temperature
Tstg
–65 to 170
°C
Applied Magnetic Flux Density
B
In any direction
500
G
INTERNAL DISCRETE CAPACITOR RATINGS
Characteristic
Symbol
Test Conditions
Value
Unit
Nominal Capacitance
CSUPPLY
Connected between pin 1 and pin 2 (refer to Figure 2)
2.2
nF
PINOUT DIAGRAM AND TERMINAL LIST
Package UB, 2-Pin SIP Pinout Diagram
Terminal List Table
Pin Name
Pin Number
Function
VCC
1
Supply Voltage
GND
2
Ground
2
1
V
CC
1
A19350
IC
2
C
L
R
L
GND
VOUT = ICC × RL
Figure 2: Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com