Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A19350LUBATN-RBE Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # A19350LUBATN-RBE
Description  High Accuracy GMR Wheel Speed and Direction Sensor IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A19350LUBATN-RBE Datasheet(HTML) 4 Page - Allegro MicroSystems

  A19350LUBATN-RBE Datasheet HTML 1Page - Allegro MicroSystems A19350LUBATN-RBE Datasheet HTML 2Page - Allegro MicroSystems A19350LUBATN-RBE Datasheet HTML 3Page - Allegro MicroSystems A19350LUBATN-RBE Datasheet HTML 4Page - Allegro MicroSystems A19350LUBATN-RBE Datasheet HTML 5Page - Allegro MicroSystems A19350LUBATN-RBE Datasheet HTML 6Page - Allegro MicroSystems A19350LUBATN-RBE Datasheet HTML 7Page - Allegro MicroSystems A19350LUBATN-RBE Datasheet HTML 8Page - Allegro MicroSystems A19350LUBATN-RBE Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
High Accuracy GMR Wheel Speed and Direction Sensor IC
A19350
4
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
OPERATING CHARACTERISTICS: Valid throughout full operating voltage and temperature ranges, unless otherwise specified
Characteristic
Symbol
Test Conditions
Min.
Typ. [1]
Max.
Unit
ELECTRICAL CHARACTERISTICS
Supply Voltage[2]
VCC
Potential between pin 1 and pin 2
4
–
24
V
Reverse Supply Current[3]
IRCC
VCC = VRCC(MAX)
–10
–
–
mA
Supply Zener Clamp Voltage
VZsupply
ICC = ICC(MAX) + 3 mA, TA = 25°C
28
–
–
V
Supply Current
ICC(LOW)
Low-current state
5.9
7
8.4
mA
ICC(HIGH)
High-current state
12
14
16
mA
Supply Current Ratio [4]
ICC(HIGH)/
ICC(LOW)
Measured as a ratio of high current to low
current (isothermal)
1.9
–
–
–
ASIL Safety Current
IRESET
Refer to Figure 11
1.5
3.5
3.9
mA
ASIL Safety Current Time
tRESET(EP1) Refer to Figure 11 (Error Protocol 1)
–
90
–
μs
tRESET(EP2) Refer to Figure 11 (Error Protocol 2)
3
–
6
ms
Output Rise/Fall Time
tr, tf
Voltage measured at terminal 2 in Figure 2;
RL = 100 Ω, CL = 10 pF, measured between
10% and 90% of signal
–
2
4
µs
POWER-ON CHARACTERISTICS
Power-On State
POS
VCC > VCC(min) as connected in Figure 1
ICC(LOW)
mA
Power-On Time
tPO
VCC > VCC(min) as connected in Figure 1 [5]
–
–
1
ms
OUTPUT PULSE-WIDTH PROTOCOL [6]
Pulse-Width Off Time
tW(PRE)
38
45
52
μs
Forward Pulse Width
tW(FWD)
76
90
104
μs
Reverse Pulse Width
tW(REV)
153
180
207
μs
Warning Pulse Width
tW(WARN)
-xxE variant
38
45
52
μs
Standstill Pulse Width
tW(STILL)
-xxE variant
1232
1440
1656
μs
Standstill Period[7]
tSTOP
-xxE variant
590
737
848
ms
Continued on the next page…
[1]
Typical values are at TA = 25°C and VCC = 12 V. Performance may vary for individual units, within the specified maximum and minimum limits.
[2]
Maximum voltage must be adjusted for power dissipation and junction temperature; see representative Power Derating section.
[3]
Negative current is defined as conventional current coming out of (sourced from) the specified device terminal.
[4]
Supply current ratio is taken as a mean value of ICC(HIGH) / ICC(LOW).
[5]
Time between power-on to ICC stabilizing. Output transients prior to tPO should be ignored.
[6]
Pulse width measured at threshold of (ICC(HIGH) + ICC(LOW)) / 2.
[7]
At operating frequencies less than 2 Hz, -xxM variant must be used in order to output forward/reverse/warning direction pulses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com