Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A19350LUBATN-RBE Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # A19350LUBATN-RBE
Description  High Accuracy GMR Wheel Speed and Direction Sensor IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A19350LUBATN-RBE Datasheet(HTML) 5 Page - Allegro MicroSystems

  A19350LUBATN-RBE Datasheet HTML 1Page - Allegro MicroSystems A19350LUBATN-RBE Datasheet HTML 2Page - Allegro MicroSystems A19350LUBATN-RBE Datasheet HTML 3Page - Allegro MicroSystems A19350LUBATN-RBE Datasheet HTML 4Page - Allegro MicroSystems A19350LUBATN-RBE Datasheet HTML 5Page - Allegro MicroSystems A19350LUBATN-RBE Datasheet HTML 6Page - Allegro MicroSystems A19350LUBATN-RBE Datasheet HTML 7Page - Allegro MicroSystems A19350LUBATN-RBE Datasheet HTML 8Page - Allegro MicroSystems A19350LUBATN-RBE Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
High Accuracy GMR Wheel Speed and Direction Sensor IC
A19350
5
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
Characteristic
Symbol
Test Conditions
Min.
Typ. [1]
Max.
Unit
INPUT CHARACTERISTICS AND PERFORMANCE
Operating Frequency,
Forward Rotation [8]
fFWD
0
–
3.9
kHz
Operating Frequency,
Reverse Rotation [8]
fREV
0
–
2.4
kHz
Operating Frequency,
Warning Pulses [8]
fWARN
0
–
6.4
kHz
Operating Differential Magnetic Input [9] BDIFF(pk-pk)
Peak-to-peak of differential magnetic input
(refer to Figure 6)
5
–
–
G
Peak-to-peak allowable for repeatability
(refer to Figure 6)
20
–
–
G
Operating Differential Magnetic Range [8]
BDIFF
Refer to Figure 6
–50
–
50
G
Allowable Differential Sequential
Signal Variation
BSEQ(n+1)/
BSEQ(n)
Signal period-to-period variation (refer to Figure 3)
60
–
200
%
BSEQ(n+i)/
BSEQ(n)
Overall signal variation (e.g. run-out) (refer to
Figure 3)
40
–
200
%
Operate Point
BOP
% of peak-to-peak IC-processed signal
–
60
–
%
Release Point
BRP
% of peak-to-peak IC-processed signal
–
40
–
%
Repeatability [10]
ErrθE
Constant air gap (greater than 20 G(pk-pk)),
temperature, and target speed. Sinusoidal input
signal. Greater than 1000 output edges captured.
–
–
0.3
%
Target Pitch
TPITCH
Arc length of each pole-pair (at 0 mm air gap)
1.4
–
8
mm
Switch Point Separation
BDIFF(SP-SEP)
Required amount of amplitude separated
between channels at each BOP and BRP
occurrence. (refer to Figure 5)
20
–
–
%pk-pk
THERMAL CHARACTERISTICS
Magnetic Temperature Coefficient[11]
TC
Valid for full temperature range based on ferrite
–
0.2
–
%/°C
Package Thermal Resistance
RθJA
Single-layer PCB with copper limited to solder pads
–
213
–
°C/W
OPERATING CHARACTERISTICS (continued): Valid throughout full operating voltage and temperature ranges,
unless otherwise specified
[8]
If a higher frequency operation is required, an option is available.
[9]
Differential magnetic field is measured for the Channel A (E1-E3) and Channel B (E2-E4). Each channel’s differential magnetic field is measured between two GMR elements spaced by
1.4 mm. Magnetic field is measured in the GMR element spacing orientation in the By direction (Refer to Figure 7). To maintain optimal performance, it is recommended that the |Bx|
field be less than 80 G.
[10]
Repeatability (i.e. jitter) is tested to 6 sigma and is guaranteed by design and characterization only.
[11]
Ring magnet decreases in magnetic strength with rising temperature, and the device compensates. Note that BDIFF(pk-pk) requirement is not influenced by this.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com