Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A19350LUBATN-RBE Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # A19350LUBATN-RBE
Description  High Accuracy GMR Wheel Speed and Direction Sensor IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A19350LUBATN-RBE Datasheet(HTML) 1 Page - Allegro MicroSystems

  A19350LUBATN-RBE Datasheet HTML 1Page - Allegro MicroSystems A19350LUBATN-RBE Datasheet HTML 2Page - Allegro MicroSystems A19350LUBATN-RBE Datasheet HTML 3Page - Allegro MicroSystems A19350LUBATN-RBE Datasheet HTML 4Page - Allegro MicroSystems A19350LUBATN-RBE Datasheet HTML 5Page - Allegro MicroSystems A19350LUBATN-RBE Datasheet HTML 6Page - Allegro MicroSystems A19350LUBATN-RBE Datasheet HTML 7Page - Allegro MicroSystems A19350LUBATN-RBE Datasheet HTML 8Page - Allegro MicroSystems A19350LUBATN-RBE Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
A19350-DS
MCO-0000526
• GMR technology integrates high sensitivity MR
(magnetoresistive) sensor elements and high precision
BiCMOS circuits on a single silicon integrated circuit,
offering high accuracy, low magnetic field operation
• Integrated capacitor in a single overmolded miniature
package provides greater EMC robustness
• SolidSpeed Digital Architecture™ supports advanced
algorithms, maintaining performance in the presence of
extreme system-level disturbances, including vibration
immunity capability over the full target pitch
• Flexible orientation for xMR or Hall replacement
• ASIL B rating based on integrated diagnostics and
certified safety design process
• Two-wire current source output pulse-width protocol
supporting speed, direction, and ASIL
• EEPROM offers device traceability throughout the
production process
High Accuracy GMR Wheel Speed and Direction Sensor IC
A19350
The A19350 is a giant magnetoresistance (GMR) integrated
circuit (IC) that provides a user-friendly two-wire solution for
applicationswherespeedanddirectioninformationisrequired.
The small integrated package includes an integrated capacitor
and GMR IC in a single overmold design with an additional
molded lead-stabilizing bar for robust shipping and ease of
assembly.
The GMR-based IC is designed for use in conjunction with
front-biased ring magnet encoders. State-of-the-art GMR
technologywithindustry-leadingsignalprocessingalgorithms
accuratelyswitchinresponsetolow-leveldifferentialmagnetic
signals.ThehighsensitivityofGMRcombinedwithdifferential
sensing offers inherent rejection of interfering common-mode
magnetic fields and valid speed and direction over larger air
gaps, commonly required in wheel speed sensing applications.
Patented GMR technology allows the same orientation as
Hall-effect for a drop-in solution in the application.
Integrated diagnostics are used to detect an IC failure which
impacts the output protocol’s accuracy, providing coverage
compatiblewithASILBcompliance.Built-inEEPROMscratch
memory offers traceability of the device throughout the IC’s
production process.
The IC is offered in the UB package, which integrates the IC
and a high-temperature ceramic capacitor in a single overmold
SIP package for enhanced EMC performance. The 2-pin SIP
package is lead (Pb) free, with tin leadframe plating.
PACKAGE:
Not to scale
FEATURES AND BENEFITS
DESCRIPTION
2-Pin SIP
(suffix UB)
November 16, 2018
Figure 1: Functional Block Diagram
+
–
+
–
ADC
ADC
Analog-to-Digital
and
Signal Conditioning
Front End
Amplification
GMR
Elements
Digital
Controller
VCC
GND
EEPROM
Oscillator
Diagnostics
Regulator
Output
Current
Generator
ESD
2
-


Similar Part No. - A19350LUBATN-RBE

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A19351 ALLEGRO-A19351 Datasheet
2Mb / 16P
High-Performance GMR AK Protocol Wheel Speed and Direction Sensor IC
Rev. 1 December 21, 2022
A19351PUBATN-F-A ALLEGRO-A19351PUBATN-F-A Datasheet
2Mb / 16P
High-Performance GMR AK Protocol Wheel Speed and Direction Sensor IC
Rev. 1 December 21, 2022
A19351PUBATN-R-A ALLEGRO-A19351PUBATN-R-A Datasheet
2Mb / 16P
High-Performance GMR AK Protocol Wheel Speed and Direction Sensor IC
Rev. 1 December 21, 2022
More results

Similar Description - A19350LUBATN-RBE

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A19250 ALLEGRO-A19250 Datasheet
893Kb / 10P
High Accuracy GMR Wheel Speed Sensor IC
A19570 ALLEGRO-A19570 Datasheet
1Mb / 16P
Large Air Gap, Vibration-Immune, GMR Transmission Speed and Direction Sensor IC
ATS19200 ALLEGRO-ATS19200 Datasheet
675Kb / 13P
High-Accuracy Hall-Effect Wheel Speed Gear Tooth Sensor IC
A19571 ALLEGRO-A19571 Datasheet
2Mb / 17P
GMR Transmission Speed and Direction Sensor IC
logo
Infineon Technologies A...
TLE5045IC-R050 INFINEON-TLE5045IC-R050 Datasheet
498Kb / 12P
High End GMR Wheel Speed Sensor, ASIL B(D)
Revision 1.0 2018-11-06
TLE5046IC INFINEON-TLE5046IC Datasheet
536Kb / 14P
High End GMR Wheel Speed Sensor with direction detection, ASIL B(D)
Revision 2.0 2020-06-30
logo
Allegro MicroSystems
A19351 ALLEGRO-A19351 Datasheet
2Mb / 16P
High-Performance GMR AK Protocol Wheel Speed and Direction Sensor IC
Rev. 1 December 21, 2022
A19303 ALLEGRO-A19303 Datasheet
1Mb / 16P
Vibration-Tolerant High-Accuracy Hall-Effect Wheel Speed and Direction Sensor IC
March 9, 2023
A19200 ALLEGRO-A19200 Datasheet
984Kb / 12P
ASIL-Compliant Wheel Speed Sensor IC
Rev. 2 April 11, 2022
A19302 ALLEGRO-A19302 Datasheet
1Mb / 17P
High-Accuracy, Pulse-Width or AK Protocol Hall-Effect Wheel Speed and Direction Sensor IC
Rev. 5 December 9, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com