Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS70331 Datasheet(PDF) 13 Page - Allegro MicroSystems

Part # ACS70331
Description  High Sensitivity, 1 MHz, GMR-Based Current Sensor IC in Space-Saving, Low Resistance QFN and SOIC-8 Packages
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS70331 Datasheet(HTML) 13 Page - Allegro MicroSystems

Back Button ACS70331 Datasheet HTML 9Page - Allegro MicroSystems ACS70331 Datasheet HTML 10Page - Allegro MicroSystems ACS70331 Datasheet HTML 11Page - Allegro MicroSystems ACS70331 Datasheet HTML 12Page - Allegro MicroSystems ACS70331 Datasheet HTML 13Page - Allegro MicroSystems ACS70331 Datasheet HTML 14Page - Allegro MicroSystems ACS70331 Datasheet HTML 15Page - Allegro MicroSystems ACS70331 Datasheet HTML 16Page - Allegro MicroSystems ACS70331 Datasheet HTML 17Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
High Sensitivity, 1 MHz, GMR-Based Current Sensor IC
in Space-Saving, Low Resistance QFN and SOIC-8 Packages
ACS70331
13
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
Gain and Offset Trim
The bridge configuration of the GMR elements in the ACS70331
make the gain and offset trim for the sensor relatively simple. As
the bridge output voltage is proportional to the voltage driving it,
that voltage is trimmed to compensate for all other nominal gain
errors, as well as errors over temperature. Then, offset is trimmed
out after the bridge voltage has been amplified. All trim codes are
stored using fuses that are programmed at final test before lock-
ing the part.
Ideal Output Transfer Curve
The ideal output of the ACS70331 is:
VIOUT = Sens × IP + VIOUT(Q)
Different versions of the ACS70331 have different sensitivity
(Sens) and zero current output voltage (VIOUT(Q)) values in order
to give different current measurement ranges. Unidirectional
sensors start at 0.25 V with zero current through the primary and
swing +2 V for full-scale current. Bidirectional sensors start at
1.5 V with zero current through the primary and swing ±1 V for
full-scale current. Figure 4 shows the ideal output transfer curves
for each version of the ACS70331. The output curves show the
typical saturation levels; however, the saturation could occur
anywhere beyond the min/max saturation limits shown by the
dashed lines. The stated accuracy of the sensor is only valid over
the given current sensing range (IPR).
3
2.5
2
1.5
1
0.5
0
-6
-4
-2
0
2
4
6
IP (A)
2.5 Unidirectional
2.5 Bidirectional
5 Unidirectional
5 Bidirectional
Vsat-high
Vsat-low
Figure 4: Ideal Output Tranfer Curves



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com