Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS70331 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # ACS70331
Description  High Sensitivity, 1 MHz, GMR-Based Current Sensor IC in Space-Saving, Low Resistance QFN and SOIC-8 Packages
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS70331 Datasheet(HTML) 2 Page - Allegro MicroSystems

  ACS70331 Datasheet HTML 1Page - Allegro MicroSystems ACS70331 Datasheet HTML 2Page - Allegro MicroSystems ACS70331 Datasheet HTML 3Page - Allegro MicroSystems ACS70331 Datasheet HTML 4Page - Allegro MicroSystems ACS70331 Datasheet HTML 5Page - Allegro MicroSystems ACS70331 Datasheet HTML 6Page - Allegro MicroSystems ACS70331 Datasheet HTML 7Page - Allegro MicroSystems ACS70331 Datasheet HTML 8Page - Allegro MicroSystems ACS70331 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
High Sensitivity, 1 MHz, GMR-Based Current Sensor IC
in Space-Saving, Low Resistance QFN and SOIC-8 Packages
ACS70331
2
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
SELECTION GUIDE
Part Number
Current Sensing
Range, IPR (A)
Sens (Typ)
(mV/A)
TA
(°C)
Package
Packing [1]
ACS70331EESATR-2P5U3
0 to 2.5
800
–40 to 85
12-contact
QFN with fused
current loop
1500 pieces per reel
ACS70331EESATR-2P5B3
±2.5
400
ACS70331EESATR-005U3
0 to 5
400
ACS70331EESATR-005B3
±5
200
ACS70331EOLCTR-2P5U3
0 to 2.5
800
–40 to 85
8-lead SOIC
3000 pieces per reel
ACS70331EOLCTR-2P5B3
±2.5
400
ACS70331EOLCTR-005U3
0 to 5
400
ACS70331EOLCTR-005B3
±5
200
[1]
Contact Allegro for additional packing options.
ABSOLUTE MAXIMUM RATINGS
Characteristic
Symbol
Notes
Rating
Units
Supply Voltage
VCC
7
V
Reverse Supply Voltage
VRCC
–0.1
V
Output Voltage
VIOUT
6
V
Reverse Output Voltage
VRIOUT
–0.1
V
Working Voltage
VWORKING
Voltage applied between pins 1 to 4 and pins 5 to 12 (QFN)
or pins 1 to 4 and pins 5 to 8 (SOIC)
100
V
Maximum Continuous Current [2]
IP(max)
±10
A
Maximum Continuous External Field [3]
B
±50
G
Nominal Operating Ambient Temperature
TA
Range E
–40 to 85
°C
Maximum Junction Temperature [2]
TJ(max)
100
°C
Storage Temperature
Tstg
–65 to 125
°C
[2]
Continuous currents above this may result in changes in performance. See lifetime drift section for sensor drift under different temperature and current conditions. Also,
see Thermal Performance and Overcurrent Capability section for allowable constant and transient currents.
[3]
Continuous magnetic fields above this may result in changes in performance.
[4]
The ACS70331 should be soldered using Allegro’s recommended soldering profile in (http://www.allegromicro.com/en/Design-Center/Technical-Documents/Semicon-
ductor-Packaging-Publications/Soldering-Methods-for-Allegro-Products.aspx). Standard soldering tips will over-stress the device, resulting in shifts in performance. For
rework, it is recommended to use hot plates and heat guns/pencils, keeping the temperature of the device below the Maximum Soldering Temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com