Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS70331 Datasheet(PDF) 21 Page - Allegro MicroSystems

Part # ACS70331
Description  High Sensitivity, 1 MHz, GMR-Based Current Sensor IC in Space-Saving, Low Resistance QFN and SOIC-8 Packages
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS70331 Datasheet(HTML) 21 Page - Allegro MicroSystems

Back Button ACS70331 Datasheet HTML 17Page - Allegro MicroSystems ACS70331 Datasheet HTML 18Page - Allegro MicroSystems ACS70331 Datasheet HTML 19Page - Allegro MicroSystems ACS70331 Datasheet HTML 20Page - Allegro MicroSystems ACS70331 Datasheet HTML 21Page - Allegro MicroSystems ACS70331 Datasheet HTML 22Page - Allegro MicroSystems ACS70331 Datasheet HTML 23Page - Allegro MicroSystems ACS70331 Datasheet HTML 24Page - Allegro MicroSystems ACS70331 Datasheet HTML 25Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
High Sensitivity, 1 MHz, GMR-Based Current Sensor IC
in Space-Saving, Low Resistance QFN and SOIC-8 Packages
ACS70331
21
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
Hysteresis (IH). The change in the sensor IC zero current output
voltage after being subjected to a large current for a short dura-
tion. Hysteresis is due to slight magnetization of some of the
ferromagnetic layers in GMR. Pulses of current in opposite direc-
tions will result in hysteresis in opposite directions. The GMR
stack in the ACS70331 is optimized to have low hysteresis in
comparison with more traditional stacks.
Common Mode Field Sensitivity Error Ratio (CMFRSENS).
The ratio of the shift in sensitivity due to an external stray field
on the sensor relative to the field strength (%/G). This is mea-
sured in the worst case stray field configuration.
Common Mode Field Offset Voltage Ratio (CMFROFF). The
ratio of the shift in the offset voltage due to stray field on the sen-
sor relative to the field strength (mV/G). This is measured in the
worst case stray field configuration.
Power Supply Rejection Ratio (PSRR). The ratio of the shift
in VIOUT due to supply voltage variation, expressed in dB. The
PSRR is a small signal parameter, measured with 100 mV pk-pk
over frequency.
log
PSRR
V
V
20
CC
IOUT
10
D
D
=
Power Supply Offset Error (VOE(PS)). The large signal PSRR,
expressed in absolute millivolts. The power supply offset error is
the variation of the offset voltage over the full supply range of the
ACS70331.
Power Supply Sensitivity Error (ESENS(PS)). The variation in
sensitivity over the full supply range of the ACS70331.
Nonlinearity (ELIN). The nonlinearity is a measure of how linear
the output of the sensor IC is over the full current measurement
range. The nonlinearity is calculated as:
E=
LIN
1–
V(I
)–V
IOUT
PR(max)
IOUT(Q )
2×V(I) –V
IOUT
PR(max/2)
IOUT(Q )
×100(%)
where VIOUT(IPR(max)) is the output of the sensor IC with the
maximum measurement current flowing through it and
VIOUT(IPR(max/2)) is the output of the sensor IC with half of the
maximum measurement current flowing through it.
Sensitivity (Sens). The change in sensor IC output in response to
a 1A change through the primary conductor. The sensitivity is the
product of the magnetic circuit sensitivity (G/A) (1 G = 0.1 mT)
and the linear IC amplifier gain (mV/G). The linear IC ampli-
fier gain is programmed at the factory to optimize the sensitivity
(mV/A) for the full-scale current of the device.
DEFINITIONS OF ACCURACY CHARACTERISTICS
Figure 8: Output Voltage versus Sensed Current
Figure 9: Total Output Error versus Sensed Current
0 A
Decreasing
VIOUT (V)
Accuracy Across
Temperature
Accuracy Across
Temperature
Accuracy Across
Temperature
Accuracy at
25°C Only
Accuracy at
25°C Only
Accuracy at
25°C Only
Increasing
VIOUT (V)
Ideal VIOUT
IPR(min)
IPR(max)
+IP (A)
–IP (A)
VIOUT(Q)
Full Scale IP
+IP
–IP
+ETOT
–ETOT
Across Temperature
25°C Only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com