Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS70331 Datasheet(PDF) 23 Page - Allegro MicroSystems

Part # ACS70331
Description  High Sensitivity, 1 MHz, GMR-Based Current Sensor IC in Space-Saving, Low Resistance QFN and SOIC-8 Packages
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS70331 Datasheet(HTML) 23 Page - Allegro MicroSystems

Back Button ACS70331 Datasheet HTML 18Page - Allegro MicroSystems ACS70331 Datasheet HTML 19Page - Allegro MicroSystems ACS70331 Datasheet HTML 20Page - Allegro MicroSystems ACS70331 Datasheet HTML 21Page - Allegro MicroSystems ACS70331 Datasheet HTML 22Page - Allegro MicroSystems ACS70331 Datasheet HTML 23Page - Allegro MicroSystems ACS70331 Datasheet HTML 24Page - Allegro MicroSystems ACS70331 Datasheet HTML 25Page - Allegro MicroSystems ACS70331 Datasheet HTML 26Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
High Sensitivity, 1 MHz, GMR-Based Current Sensor IC
in Space-Saving, Low Resistance QFN and SOIC-8 Packages
ACS70331
23
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
DEFINITIONS OF DYNAMIC RESPONSE CHARACTERISTICS
Power-On Time (tPO). When the supply is ramped to its operat-
ing voltage, the device requires a finite time to power its internal
components before responding to an input magnetic field.
Power-On Time, tPO , is defined as the time it takes for the output
voltage to settle within ±10% of its steady-state value under an
applied magnetic field, after the power supply has reached its
minimum specified operating voltage, VCC(min), as shown in the
chart at right.
Rise Time (tr). The time interval between a) when the sensor IC
reaches 10% of its full-scale value, and b) when it reaches 90%
of its full-scale value. The rise time to a step response is used to
derive the bandwidth of the current sensor IC, in which ƒ(–3 dB)
= 0.35/tr. Both tr and tRESPONSE are detrimentally affected by
eddy-current losses observed in the conductive IC ground plane.
Response Time (tRESPONSE). The time interval between a) when
the primary current signal reaches 90% of its final value, and b)
when the device reaches 90% of its output corresponding to the
applied current.
Propagation Delay (tpd). The propagation delay is measured
as the time interval a) when the primary current signal reaches
20% of its final value, and b) when the device reaches 20% of its
output corresponding to the applied current.
VIOUT
V
t
VCC
VCC(min.)
90% VIOUT
0
t1= time at which power supply reaches
minimum specified operating voltage
t2= time at which output voltage settles
within ±10% of its steady state value
under an applied magnetic field
t1
t2
tPO
VCC(typ.)
Primary Current
VIOUT
90
0
(%)
Response Time, tRESPONSE
t
Primary Current
VIOUT
90
10
20
0
(%)
Propagation Delay, tpd
Rise Time, tr
t
Figure 10: Power-On Time (tPO)
Figure 11: Rise Time (tr) and Propagation Delay (tpd)
Figure 12: Response Time (tRESPONSE)
Fuse Power Down Time (tFPD). The time interval between a)
when VCC goes above VCC(min) and b) when the sensor powers
down the internal fuses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com