Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALT80800KLPATR Datasheet(PDF) 13 Page - Allegro MicroSystems

Part # ALT80800KLPATR
Description  Automotive-Grade, Constant-Current 2.0 A PWM Dimmable Synchronous Buck LED Driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ALT80800KLPATR Datasheet(HTML) 13 Page - Allegro MicroSystems

Back Button ALT80800KLPATR Datasheet HTML 9Page - Allegro MicroSystems ALT80800KLPATR Datasheet HTML 10Page - Allegro MicroSystems ALT80800KLPATR Datasheet HTML 11Page - Allegro MicroSystems ALT80800KLPATR Datasheet HTML 12Page - Allegro MicroSystems ALT80800KLPATR Datasheet HTML 13Page - Allegro MicroSystems ALT80800KLPATR Datasheet HTML 14Page - Allegro MicroSystems ALT80800KLPATR Datasheet HTML 15Page - Allegro MicroSystems ALT80800KLPATR Datasheet HTML 16Page - Allegro MicroSystems ALT80800KLPATR Datasheet HTML 17Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Automotive-Grade, Constant-Current 2.0 A
PWM Dimmable Synchronous Buck LED Driver
ALT80800
13
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
Table 1: LED Open Fault Truth Table
FDSET
ADIM
FFnn
LED Open Fault Event?
PWM
FFnn+1
VCSREG < 25% × iLED Max Duty
High
High
x
No Open Fault
1
High
High
x
Yes, Open Fault
0
Low
x
1
x
x
1
x
Low
1
x
x
1
Low
x
0
Yes, Open Fault
x
0
x
Low
0
Yes, Open Fault
x
0
Low
x
0
No Open Fault
1
x
Low
0
No Open Fault
1
FDSET High means FDSET > REF1; FDSET Low means FDSET < REF1;
ADIM High means ADIM > 264 mV; ADIM Low means ADIM < 264 mV
When output Short fault (such as LED shorted to ground or out-
put capacitor shorted to ground) occurs, FFn will be flagged as
VOUT drops below 1.5 V and ADIM voltage is above 264 mV; but
regulator will not enter into Hiccup mode and will work continu-
ously. When short is removed, ALT80800 will return to normal
operation.
When an LED Open/Short fault occurs, the Fault pin will be 
flagged if the fault remains active after a deglitch period (tFDG).
A mask timer (tMASK) is also introduced whenever PWM signal
goes from Low to High. During this mask time, faults will not be
detected, so the fault will not be detected when the PWM pulse
width is less than this mask time. When PWM goes low, fault
flag is latched. Fault flag will keep prior state when PWM is
Low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com