Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALT80800KLPATR Datasheet(PDF) 20 Page - Allegro MicroSystems

Part # ALT80800KLPATR
Description  Automotive-Grade, Constant-Current 2.0 A PWM Dimmable Synchronous Buck LED Driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ALT80800KLPATR Datasheet(HTML) 20 Page - Allegro MicroSystems

Back Button ALT80800KLPATR Datasheet HTML 15Page - Allegro MicroSystems ALT80800KLPATR Datasheet HTML 16Page - Allegro MicroSystems ALT80800KLPATR Datasheet HTML 17Page - Allegro MicroSystems ALT80800KLPATR Datasheet HTML 18Page - Allegro MicroSystems ALT80800KLPATR Datasheet HTML 19Page - Allegro MicroSystems ALT80800KLPATR Datasheet HTML 20Page - Allegro MicroSystems ALT80800KLPATR Datasheet HTML 21Page - Allegro MicroSystems ALT80800KLPATR Datasheet HTML 22Page - Allegro MicroSystems ALT80800KLPATR Datasheet HTML 23Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
Automotive-Grade, Constant-Current 2.0 A
PWM Dimmable Synchronous Buck LED Driver
ALT80800
20
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
APPLICATION CIRCUIT DIAGRAMS
Figure 17: Application Circuit Example for ALT80800
(LED current = 1 A, 500 kHz)
LED+
VIN
PWM
CBOOT
RON
L1
2.2 µF
RSENSE
ADIM
CLED
External PWM
dimming signal
BOOT
FFn
CSH
CSL
TON
PWM
ADIM
VCC
ALT80800
GND
SW
VIN
VCCIN
EN
VIN
FDSET
VIN
FFn
0.2 Ω
178 kΩ
33 µH
0.47 µF
0.1 µF
187 kΩ
187 kΩ
100 kΩ
10 kΩ
0.1 µF
+
33 µF
4.7 µF
SGND
PGND
VCC
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com