Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALT80800KLPATR Datasheet(PDF) 21 Page - Allegro MicroSystems

Part # ALT80800KLPATR
Description  Automotive-Grade, Constant-Current 2.0 A PWM Dimmable Synchronous Buck LED Driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ALT80800KLPATR Datasheet(HTML) 21 Page - Allegro MicroSystems

Back Button ALT80800KLPATR Datasheet HTML 15Page - Allegro MicroSystems ALT80800KLPATR Datasheet HTML 16Page - Allegro MicroSystems ALT80800KLPATR Datasheet HTML 17Page - Allegro MicroSystems ALT80800KLPATR Datasheet HTML 18Page - Allegro MicroSystems ALT80800KLPATR Datasheet HTML 19Page - Allegro MicroSystems ALT80800KLPATR Datasheet HTML 20Page - Allegro MicroSystems ALT80800KLPATR Datasheet HTML 21Page - Allegro MicroSystems ALT80800KLPATR Datasheet HTML 22Page - Allegro MicroSystems ALT80800KLPATR Datasheet HTML 23Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Automotive-Grade, Constant-Current 2.0 A
PWM Dimmable Synchronous Buck LED Driver
ALT80800
21
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
APPLICATION CIRCUIT DIAGRAMS (continued)
Figure 18: Using 2 (or more) ALT80800 in parallel to drive the same LED string.
Total LED current is the sum of currents from each LED driver.
(Note: each LED driver shares the same VIN and ADIM as illustrated).
CBOOT
SW
BOOT
GND
VIN
SW
L2
i_L2
Rsc2
CLED2
VOUT
CBOOT
SW
BOOT
GND
VIN
SW
L1
i_L1
Rsc1
CLED1
ADIM
ADIM
Input
Voltage
ADIM
Voltage
CSH1 CSL1
CSH2 CSL2
ALT80800
ALT80800
FFn
FFn
5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com