Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALT80800KLPATR Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # ALT80800KLPATR
Description  Automotive-Grade, Constant-Current 2.0 A PWM Dimmable Synchronous Buck LED Driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ALT80800KLPATR Datasheet(HTML) 2 Page - Allegro MicroSystems

  ALT80800KLPATR Datasheet HTML 1Page - Allegro MicroSystems ALT80800KLPATR Datasheet HTML 2Page - Allegro MicroSystems ALT80800KLPATR Datasheet HTML 3Page - Allegro MicroSystems ALT80800KLPATR Datasheet HTML 4Page - Allegro MicroSystems ALT80800KLPATR Datasheet HTML 5Page - Allegro MicroSystems ALT80800KLPATR Datasheet HTML 6Page - Allegro MicroSystems ALT80800KLPATR Datasheet HTML 7Page - Allegro MicroSystems ALT80800KLPATR Datasheet HTML 8Page - Allegro MicroSystems ALT80800KLPATR Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Automotive-Grade, Constant-Current 2.0 A
PWM Dimmable Synchronous Buck LED Driver
ALT80800
2
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
SELECTION GUIDE
Part Number
Package
Packing
ALT80800KLPATR
16-pin TSSOP with exposed thermal pad
4000 pieces per 13-inch reel
ABSOLUTE MAXIMUM RATINGS
Characteristic
Symbol
Notes
Rating
Unit
Supply Voltage
VIN, VVCCIN
–0.3 to 60
V
Bootstrap Drive Voltage
VBOOT
–0.3 to VIN+8
V
Switching Voltage
VSW
Continuous
–0.3 to VIN+0.3
V
Pulsed, t < 50 ns
–1 to VIN+3
V
EN Voltage
VEN
–0.3 to VIN+0.3
V
Current Sense Voltages
VCSH, VCSL
V
Linear Regulator Terminal
VCC
–0.3 to 7
V
ADIM pin, TON pin
VADIM, VTON
V
FDSET Voltages
VFDSET
V
FFn and PWM Voltages
VFFn, VPWM
V
Maximum Junction Temperature
TJ(max)
150
°C
Storage Temperature
Tstg
–55 to 150
°C
THERMAL CHARACTERISTICS*: May require derating at maximum conditions; see application section for optimization
Characteristic
Symbol
Test Conditions*
Value Unit
Package Thermal Resistance
(Junction to Ambient)
RθJA
On 4-layer PCB based on JEDEC standard
34
°C/W
Package Thermal Resistance
(Junction to Pad)
RθJP
2
°C/W
*Additional thermal information available on the Allegro™ website.
SPECIFICATIONS
Table of Contents
Features and Benefits
1
Description
1
Applications
1
Package
1
Typical Application Circuit
1
Selection Guide
2
Specifications
2
Absolute Maximum Ratings
2
Thermal Characteristics
2
Pinout Diagrams and Terminal List Tables
3
Functional Block Diagrams
4
Electrical Characteristics
5
Functional Description
7
Application Circuit Diagrams
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com