Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMT49702KLPATR Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # AMT49702KLPATR
Description  Dual DMOS Full-Bridge Motor Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

AMT49702KLPATR Datasheet(HTML) 3 Page - Allegro MicroSystems

  AMT49702KLPATR Datasheet HTML 1Page - Allegro MicroSystems AMT49702KLPATR Datasheet HTML 2Page - Allegro MicroSystems AMT49702KLPATR Datasheet HTML 3Page - Allegro MicroSystems AMT49702KLPATR Datasheet HTML 4Page - Allegro MicroSystems AMT49702KLPATR Datasheet HTML 5Page - Allegro MicroSystems AMT49702KLPATR Datasheet HTML 6Page - Allegro MicroSystems AMT49702KLPATR Datasheet HTML 7Page - Allegro MicroSystems AMT49702KLPATR Datasheet HTML 8Page - Allegro MicroSystems AMT49702KLPATR Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Dual DMOS Full-Bridge Motor Driver
AMT49702
3
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
Terminal List Table
Number
Name
Function
LP
10
GND
Ground
11
SLEEPn
Active-Low Sleep Input
12
IN1
Control Input
13
IN2
Control Input
14
IN3
Control Input
15
IN4
Control Input
16
FAULTn
Open-Drain Logic Output
1
OUT2A
DMOS H-Bridge 2, Output A
2
SENSE2
Sense Resistor Terminal, Bridge 2
3
OUT2B
DMOS H-Bridge 2, Output B
4
VBB
Motor Supply Voltage
5
OUT1B
DMOS H-Bridge 1, Output B
7
SENSE1
Sense Resistor Terminal, Bridge 1
8
OUT1A
DMOS H-Bridge 1, Output A
9
VCP
Charge Pump Capacitor
6
NC
No Internal Connection
–
PAD
Exposed Pad for Enhanced Thermal Performance
PINOUT DIAGRAM AND TERMINAL LIST TABLE
16-Lead TSSOP (LP) Package
OUT2A
SENSE2
OUT2B
VBB
OUT1B
NC
SENSE1
OUT1A
FAULTn
IN4
IN3
IN2
IN1
SLEEPn
GND
VCP
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
PAD



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com