Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMT49702KLPATR Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # AMT49702KLPATR
Description  Dual DMOS Full-Bridge Motor Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

AMT49702KLPATR Datasheet(HTML) 1 Page - Allegro MicroSystems

  AMT49702KLPATR Datasheet HTML 1Page - Allegro MicroSystems AMT49702KLPATR Datasheet HTML 2Page - Allegro MicroSystems AMT49702KLPATR Datasheet HTML 3Page - Allegro MicroSystems AMT49702KLPATR Datasheet HTML 4Page - Allegro MicroSystems AMT49702KLPATR Datasheet HTML 5Page - Allegro MicroSystems AMT49702KLPATR Datasheet HTML 6Page - Allegro MicroSystems AMT49702KLPATR Datasheet HTML 7Page - Allegro MicroSystems AMT49702KLPATR Datasheet HTML 8Page - Allegro MicroSystems AMT49702KLPATR Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Designed for pulse-width-modulated (PWM) control of low-
voltage stepper motors and single and dual DC motors, the
AMT49702 is capable of output currents up to 1Aper channel
and operating voltages from 3.5 to 15 V.
The AMT49702 is an automotive-grade device and is tested
across extended temperature and voltage ranges to ensure
compliance in automotive or industrial applications.
TheAMT49702 has an internal fixed off-time PWM timer that
sets a peak current based on the selection of a current sense
resistor. An output fault flag is provided that notifies the user
of a TSD or overcurrent protection event.
The AMT49702 is supplied in a low-profile 16-lead TSSOP
(suffix “LP”) with exposed power tab for enhanced thermal
dissipation.
AMT49702-DS, Rev. 2
MCO-0000239
• AEC-Q100 Grade 1 qualified
• Wide, 3.5 to 15 V input voltage operating range
• Dual DMOS full-bridges: drive two DC motors or
one stepper motor
• Low RDS(ON) outputs
• Synchronous rectification for reduced power dissipation
• Low-current sleep mode
• Overcurrent protection
• Internal UVLO and thermal shutdown circuitry
• Integrated charge pump
Dual DMOS Full-Bridge Motor Driver
PACKAGE:
Figure 1: Typical Applications
Not to scale
AMT49702
FEATURES AND BENEFITS
DESCRIPTION
SENSE1
OUT1A
OUT1B
VBB
VCP
0.1 µF
3.5 to 15 V
IN2
CLK
IN3
IN4
FAULTn
IN1
SLEEPn
GND
Step
Motor
DC
Motor
SENSE2
OUT2A
OUT2B
DC
Motor
AMT49702
SENSE1
OUT1A
OUT1B
VBB
VCP
0.1 µF
3.5 to 15 V
IN2
CLK
IN3
IN4
FAULTn
IN1
SLEEPn
GND
SENSE2
OUT2A
OUT2B
AMT49702
16-lead TSSOP
(suffix LP)
September 12, 2018


Similar Part No. - AMT49702KLPATR

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
AMT49700 ALLEGRO-AMT49700 Datasheet
2Mb / 45P
Automotive Stepper Driver
AMT49700KETJTR ALLEGRO-AMT49700KETJTR Datasheet
2Mb / 45P
Automotive Stepper Driver
AMT49701 ALLEGRO-AMT49701 Datasheet
776Kb / 13P
Quad DMOS Full-Bridge PWM Motor Driver
AMT49701GEVATR ALLEGRO-AMT49701GEVATR Datasheet
776Kb / 13P
Quad DMOS Full-Bridge PWM Motor Driver
More results

Similar Description - AMT49702KLPATR

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3965 ALLEGRO-3965 Datasheet
186Kb / 7P
DMOS DUAL FULL-BRIDGE PWM MOTOR DRIVER
12/4/2002
logo
STMicroelectronics
L6225 STMICROELECTRONICS-L6225 Datasheet
90Kb / 10P
DUAL DMOS FULL BRIDGE MOTOR DRIVER
Mar-2001
logo
Allegro MicroSystems
A3965 ALLEGRO-A3965 Datasheet
390Kb / 8P
DMOS Dual Full-Bridge PWM Motor Driver
November 1, 2004
3974 ALLEGRO-3974_1 Datasheet
617Kb / 12P
DMOS DUAL FULL-BRIDGE PWM MOTOR DRIVER
A3995 ALLEGRO-A3995 Datasheet
939Kb / 9P
DMOS Dual Full Bridge PWM Motor Driver
A4954 ALLEGRO-A4954 Datasheet
248Kb / 9P
Dual Full-Bridge DMOS PWM Motor Driver
A4954 ALLEGRO-A4954_16 Datasheet
247Kb / 9P
Dual Full-Bridge DMOS PWM Motor Driver
A5995 ALLEGRO-A5995 Datasheet
715Kb / 12P
DMOS Dual Full-Bridge PWM Motor Driver
A3916 ALLEGRO-A3916 Datasheet
487Kb / 11P
Dual DMOS Full-Bridge Motor Driver
3974 ALLEGRO-3974 Datasheet
178Kb / 12P
DMOS DUAL FULL-BRIDGE PWM MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com