Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMT49702KLPATR Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # AMT49702KLPATR
Description  Dual DMOS Full-Bridge Motor Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

AMT49702KLPATR Datasheet(HTML) 5 Page - Allegro MicroSystems

  AMT49702KLPATR Datasheet HTML 1Page - Allegro MicroSystems AMT49702KLPATR Datasheet HTML 2Page - Allegro MicroSystems AMT49702KLPATR Datasheet HTML 3Page - Allegro MicroSystems AMT49702KLPATR Datasheet HTML 4Page - Allegro MicroSystems AMT49702KLPATR Datasheet HTML 5Page - Allegro MicroSystems AMT49702KLPATR Datasheet HTML 6Page - Allegro MicroSystems AMT49702KLPATR Datasheet HTML 7Page - Allegro MicroSystems AMT49702KLPATR Datasheet HTML 8Page - Allegro MicroSystems AMT49702KLPATR Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Dual DMOS Full-Bridge Motor Driver
AMT49702
5
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
ELECTRICAL CHARACTERISTICS[1][2]: Valid at TJ = –40°C to 125°C, VBB = 3.5 to 15 V, unless noted otherwise
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
GENERAL
Load Supply Voltage Range
VBB
Operating
3.5
–
15
V
Output On Resistance
RDS(ON,HS)
TJ = 25°C, 500 mA
–
335
450
mΩ
TJ = 125°C, 500 mA
–
550
690
mΩ
RDS(ON,LS)
TJ = 25°C, 500 mA
–
375
525
mΩ
TJ = 125°C, 500 mA
–
575
750
mΩ
Diode Forward Voltage
VF
I = 500 mA
–
0.85
1.0
V
VBB Supply Current
IBB(2p7V)
Outputs disabled, VBB = 3.5 V
–
2.2
4.5
mA
IBB(15V)
Outputs disabled, VBB = 15 V
–
3.1
4.5
mA
IBB(SLEEP)
Sleep Mode; TJ = 25°C
–
–
0.5
µA
Sleep Mode; TJ = 125°C
–
–
10
µA
CONTROL LOGIC
Logic Input Voltage, INx
VIN(1)
2.0
–
–
V
VIN(0)
–
–
0.8
V
Logic Input Hysteresis, INx
VHYS
100
–
500
mV
Logic Input Voltage, SLEEPn
VIN(1)
2.0
–
–
V
VIN(0)
–
–
0.4
V
Logic Input Hysteresis, SLEEPn
VHYS
100
–
–
mV
Logic Input Current
IIN
VIN = 3.3 V, pulldown = 100 kΩ
–
33
50
µA
Fault Output Voltage
VFAULTn
Flag asserted, IFAULTn = 1 mA
–
–
200
mV
Fault Output Leakage Current
IFAULTn
VFAULTn = 5 V
–
–
1.0
µA
VSENSE Blank Time
tBLANK
TJ = 25°C to 125°C
2.1
3.1
4.1
µs
TJ = –40°C
1.5
3.1
4.5
µs
VSENSE Trip Voltage
VTRIP
170
205
240
mV
Fixed Off-Time
tOFF
20
30
40
µs
PROTECTION CIRCUITS
Crossover Delay
tOCD
200
550
1000
ns
VBB Undervoltage Lockout
VBB(UVLO)
VBB rising
–
2.55
2.65
V
VBB Hysteresis
VBB(UVLO,HYS)
–
125
–
V
Thermal Shutdown Temperature
TJ1
150
165
180
°C
Thermal Shutdown Hysteresis
ΔTJ1
–
20
–
°C
[1]
Typical data is for design information only.
[2]
Specified limits are tested at a single temperature and assured over operating temperature range by design and characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com