Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMT49702KLPATR Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # AMT49702KLPATR
Description  Dual DMOS Full-Bridge Motor Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

AMT49702KLPATR Datasheet(HTML) 4 Page - Allegro MicroSystems

  AMT49702KLPATR Datasheet HTML 1Page - Allegro MicroSystems AMT49702KLPATR Datasheet HTML 2Page - Allegro MicroSystems AMT49702KLPATR Datasheet HTML 3Page - Allegro MicroSystems AMT49702KLPATR Datasheet HTML 4Page - Allegro MicroSystems AMT49702KLPATR Datasheet HTML 5Page - Allegro MicroSystems AMT49702KLPATR Datasheet HTML 6Page - Allegro MicroSystems AMT49702KLPATR Datasheet HTML 7Page - Allegro MicroSystems AMT49702KLPATR Datasheet HTML 8Page - Allegro MicroSystems AMT49702KLPATR Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Dual DMOS Full-Bridge Motor Driver
AMT49702
4
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
FUNCTIONAL BLOCK DIAGRAM
VREG
SENSE1
OUT1A
OUT1B
VBB
VCP
0.1 µF
3.5 to 15 V
IN2
CLK
IN3
IN4
FAULTn
IN1
SLEEPn
GND
DMOS H BRIDGE
DC
Motor
Control
Logic
SENSE2
OUT2A
OUT2B
DMOS H BRIDGE
DC
Motor
VBB
VBB
CHARGE PUMP
TSD
UVLO
VBB



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com