Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M670GS Datasheet(PDF) 3 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # M670GS
Description  Package in 8mm tape on 7" diameter reels.
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

M670GS Datasheet(HTML) 3 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  M670GS Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. M670GS Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. M670GS Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. M670GS Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. M670GS Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. M670GS Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. M670GS Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. M670GS Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD. M670GS Datasheet HTML 9Page - HK TO-GRACE TECHNOLOGY CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
LITE-ON
TECHNOLOGY
CORPORATION
P r o p e r t y o f L i t e - O n O n l y
Electrical
Optical
Characteristics
At
Ta=25℃
℃
℃
℃
Parameter
Symbol
Part No.
LTW-
Min.
Typ.
Max.
Unit
Test Condition
Luminous Intensity
IV
M670GS
1500
1600
mcd
IF = 20mA
Note 1, 2, 5
Luminous Flux
Φ
V
M670GS
4600
mlm
IF = 20mA
Note 1, 2, 5
Viewing Angle
2θ1/2
M670GS
120
deg
Fig.6
x
0.295
Chromaticity Coordinates
y
M670GS
0.288
IF = 20mA
Note 3, 5
Fig.1
Forward Voltage
VF
M670GS
3.0
3.0
3.6
V
IF = 20mA
ESD-Withstand Voltage
ESD
M670GS
2K
V
HBM
Note: 1. Luminous intensity is measured with a light sensor and filter combination that approximates the CIE
eye-response curve.
2. Iv classification code is marked on each packing bag.
3. The chromaticity coordinates (x, y) is derived from the 1931 CIE chromaticity diagram.
4. Caution in ESD:
Static Electricity and surge damages the LED. It is recommended using a wrist band or anti-electrostatic
glove when handling the LED. All devices, equipment and machinery must be properly grounded.
5. CAS140B is the test standard for the chromaticity coordinates (x, y) & IV.
6. The chromaticity coordinates (x, y) guarantee should be added ± 0.01 tolerance.
Part
No. : LTW-M670GS
Page :
3
of
11
BNS-OD-C131/A4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com