Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M670GS Datasheet(PDF) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # M670GS
Description  Package in 8mm tape on 7" diameter reels.
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

M670GS Datasheet(HTML) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  M670GS Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. M670GS Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. M670GS Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. M670GS Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. M670GS Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. M670GS Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. M670GS Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. M670GS Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD. M670GS Datasheet HTML 9Page - HK TO-GRACE TECHNOLOGY CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LITE-ON
TECHNOLOGY
CORPORATION
P r o p e r t y o f L i t e - O n O n l y
Features
* Package i n 8mm t ape on 7" di amet er r eel s.
* Compat i bl e wi t h aut omat i c pl acement equi pment .
* Compat i bl e wi t h i nf r ar ed and vapor phase r ef l ow sol der pr ocess.
* EIA ST D package.
* I.C. compat i bl e.
* Meet gr een pr oduct and Pb-f r ee( Accor di ng t o RoHS)
Package
Dimensions
Part No.
Lens Color
Source Color
LTW-M670GS
Yellow
InGaN White
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.2 mm
(.008") unless otherwise noted.
Part No. : LTW-M670GS
Page :
1
of
11
BNS-OD-C131/A4
 香港至恩科技有限公司    
www.to-grace.com
公司授权代理销售LITE-ON:光耦,贴片LED灯等
进口原装,现货供应,价格优势,技术支持
电话:0755-83464948 传真:0755-83464076


Similar Part No. - M670GS

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
M670 ICST-M670 Datasheet
359Kb / 6P
VOLTAGE CONTROLLED SAW OSCILLATOR
Rev 12.1
M670-155.5200 ICST-M670-155.5200 Datasheet
359Kb / 6P
VOLTAGE CONTROLLED SAW OSCILLATOR
Rev 12.1
M670-156.2500 ICST-M670-156.2500 Datasheet
359Kb / 6P
VOLTAGE CONTROLLED SAW OSCILLATOR
Rev 12.1
M670-156.8324 ICST-M670-156.8324 Datasheet
359Kb / 6P
VOLTAGE CONTROLLED SAW OSCILLATOR
Rev 12.1
M670-161.1328 ICST-M670-161.1328 Datasheet
359Kb / 6P
VOLTAGE CONTROLLED SAW OSCILLATOR
Rev 12.1
More results

Similar Description - M670GS

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-010TBKT LITEON-LTST-010TBKT Datasheet
453Kb / 11P
Package in 8mm tape on 7" diameter reels
LTST-C150AKT LITEON-LTST-C150AKT Datasheet
307Kb / 6P
PACKAGE IN 8MM TAPE ON 7" DIAMETER REELS.
logo
HK TO-GRACE TECHNOLOGY ...
LTST-010KRKT TO-GRACE-LTST-010KRKT Datasheet
660Kb / 11P
Package in 8mm tape on 7" diameter reels.
LTST-010TBKT TO-GRACE-LTST-010TBKT Datasheet
662Kb / 11P
Package in 8mm tape on 7" diameter reels.
LTST-T680KGKT TO-GRACE-LTST-T680KGKT Datasheet
681Kb / 11P
Package in 8mm tape on 7" diameter reels.
LTST-T680KSKT TO-GRACE-LTST-T680KSKT Datasheet
685Kb / 11P
Package in 8mm tape on 7" diameter reels.
LTW-008ZDCG TO-GRACE-LTW-008ZDCG Datasheet
685Kb / 11P
Package in 8mm tape on 7" diameter reels.
LTW-089E2CG-A TO-GRACE-LTW-089E2CG-A Datasheet
964Kb / 13P
Package in 8mm tape on 7" diameter reels.
LTW-M670ZVS-M5 TO-GRACE-LTW-M670ZVS-M5 Datasheet
680Kb / 11P
Package in 8mm tape on 7" diameter reels.
logo
Lite-On Technology Corp...
LTST-T670YKT LITEON-LTST-T670YKT Datasheet
245Kb / 6P
Package in 8mm tape on 7 diameter reels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com