Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M670GS Datasheet(PDF) 11 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # M670GS
Description  Package in 8mm tape on 7" diameter reels.
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

M670GS Datasheet(HTML) 11 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Back Button M670GS Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. M670GS Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. M670GS Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. M670GS Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. M670GS Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. M670GS Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD. M670GS Datasheet HTML 9Page - HK TO-GRACE TECHNOLOGY CO.,LTD. M670GS Datasheet HTML 10Page - HK TO-GRACE TECHNOLOGY CO.,LTD. M670GS Datasheet HTML 11Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
LITE-ON
TECHNOLOGY
CORPORATION
P r o p e r t y o f L i t e - O n O n l y
8. Others
The appearance and specifications of the product may be modified for improvement without prior notice.
9. Quality Guarantee
LiteOn guarantee DPPM level of function failure is smaller and equal to 50 DPPM.
(Based on 100k usage)
10. Suggested Checking List
Training and Certification
1. Everyone working in a static-safe area is ESD-certified?
2. Training records kept and re-certification dates monitored?
Static-Safe Workstation & Work Areas
1. Static-safe workstation or work-areas have ESD signs?
2. All surfaces and objects at all static-safe workstation and within 1 ft measure less than 100V?
3. All ionizer activated, positioned towards the units?
4. Each work surface mats grounding is good?
Personnel Grounding
1. Every person (including visitors) handling ESD sensitive (ESDS) items wear wrist strap, heel strap or
conductive shoes with conductive flooring?
2. If conductive footwear used, conductive flooring also present where operator stand or walk?
3. Garments, hairs or anything closer than 1 ft to ESD items measure less than 100V*?
4. Every wrist strap or heel strap/conductive shoes checked daily and result recorded for all DLs?
5. All wrist strap or heel strap checkers calibration up to date?
Note: *50V for Blue LED.
Device Handling
1. Every ESDS items identified by EIA-471 labels on item or packaging?
2. All ESDS items completely inside properly closed static-shielding containers when not at static-safe
workstation?
3. No static charge generators (e.g. plastics) inside shielding containers with ESDS items?
4. All flexible conductive and dissipative package materials inspected before reuse or recycle?
Others
1. Audit result reported to entity ESD control coordinator?
2. Corrective action from previous audits completed?
3. Are audit records complete and on file?
Part
No. : LTW-M670GS
Page :
11
of
11
BNS-OD-C131/A4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com