Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M670GS Datasheet(PDF) 4 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # M670GS
Description  Package in 8mm tape on 7" diameter reels.
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

M670GS Datasheet(HTML) 4 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  M670GS Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. M670GS Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. M670GS Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. M670GS Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. M670GS Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. M670GS Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. M670GS Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. M670GS Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD. M670GS Datasheet HTML 9Page - HK TO-GRACE TECHNOLOGY CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
LITE-ON
TECHNOLOGY
CORPORATION
P r o p e r t y o f L i t e - O n O n l y
Bin Code List
Part
No. : LTW-M670GS
Page :
4
of
11
BNS-OD-C131/A4
VF Spec. Table
Forward Voltage (V) at IF = 20mA
VF Bin
Min.
Max.
V1
3.0
3.1
V2
3.1
3.2
V3
3.2
3.3
V4
3.3
3.4
V5
3.4
3.5
V6
3.5
3.6
Tolerance on each Forward Voltage bin is +/-0.10 volt
IV Spec. Table
IV (mcd) at IF = 20mA
Luminous Flux (mlm)
IV Bin
Min.
Max.
Typ.
S5
1500
1600
4300
S6
1600
1700
4600
S7
1700
1800
4900
S8
1800
1900
5200
S9
1900
2000
5500
T1
2000
2100
5800
T2
2100
2200
6100
Tolerance on each Luminous Intensity bin is +/- 10%.
Color Ranks Table
Color bin limits at IF = 20mA
Ranks
CIE 1931Chromaticity coordinates
x
0.280
0.288
0.282
0.272
A31
y
0.248
0.262
0.272
0.258
x
0.288
0.296
0.291
0.282
A32
y
0.262
0.276
0.287
0.272
x
0.272
0.282
0.276
0.264
A33
y
0.258
0.272
0.282
0.267
x
0.282
0.291
0.287
0.276
A34
y
0.272
0.287
0.295
0.282



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com