Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM5728 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # AM5728
Description  Sitara Processors Silicon Revision 2.0
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5728 Datasheet(HTML) 6 Page - Texas Instruments

Back Button AM5728 Datasheet HTML 2Page - Texas Instruments AM5728 Datasheet HTML 3Page - Texas Instruments AM5728 Datasheet HTML 4Page - Texas Instruments AM5728 Datasheet HTML 5Page - Texas Instruments AM5728 Datasheet HTML 6Page - Texas Instruments AM5728 Datasheet HTML 7Page - Texas Instruments AM5728 Datasheet HTML 8Page - Texas Instruments AM5728 Datasheet HTML 9Page - Texas Instruments AM5728 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 415 page
background image
6
AM5729, AM5728, AM5726
SPRS953F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM5729 AM5728 AM5726
Device Comparison
Copyright © 2015–2019, Texas Instruments Incorporated
3
Device Comparison
Table 3-1 shows a comparison between AM572x devices, highlighting the differences. For a comparison
of the full AM57xx family of devices, refer to Parametric Table.
Table 3-1. Device Comparison
FEATURES
DEVICE
AM5729
AM5728
AM5726
Features
CTRL_WKUP_STD_FUSE_DIE_ID_2[31:24] Base PN register bitfield
value (5)
AM5729: 78 (0x4
Е)
AM5728: 59 (0x3B)
AM5726: 57 (0x39)
AM5729- E: 62
(0x3
Е)
AM5728- E: 60
(0x3C)
AM5726- E: 58
(0x3A)
Processors/ Accelerators
Speed Grades
See Table 5-5
Dual Arm Cortex-A15 Microprocessor Subsystem
(MPU)
MPU core 0
Yes
Yes
Yes
MPU core 1
Yes
Yes
Yes
C66x VLIW DSP
DSP1
Yes
Yes
Yes
DSP2
Yes
Yes
Yes
BitBLT 2D Hardware Acceleration Engine (BB2D)
BB2D
Yes
Yes
Not Supported (1)
Display Subsystem
VOUT1
Yes
Yes
Not Supported (1)
VOUT2
Yes
Yes
Not Supported (1)
VOUT3
Yes
Yes
Not Supported (1)
HDMI
Yes
Yes
Not Supported (1)
Embedded Vision Engine (EVE)
EVE1
Yes(6)
Not Supported (1)
EVE2
Yes(6)
Not Supported (1)
EVE3
Yes(6)
Not Supported (1)
EVE4
Yes(6)
Not Supported (1)
Dual Arm Cortex-M4 Image Processing Unit (IPU)
IPU1
Yes
Yes
Yes
IPU2
Yes
Yes
Yes
Image Video Accelarator (IVA)
IVA
Yes
Yes
Not Supported (1)
SGX544 Dual-Core 3D Graphics Processing Unit
(GPU)
GPU
Yes
Yes
Not Supported (1)
Video Input Port
(VIP)
VIP1
vin1a
Yes
Yes
Yes
vin1b
Yes
Yes
Yes
vin2a
Yes
Yes
Yes
vin2b
Yes
Yes
Yes
VIP2
vin3a
Yes
Yes
Yes
vin3b
Yes
Yes
Yes
vin4a
Yes
Yes
Yes
vin4b
Yes
Yes
Yes
VIP3
vin5a
Yes
Yes
Yes
vin6a
Yes
Yes
Yes
Video Processing Engine (VPE)
VPE
Yes
Yes
Yes
Program/Data Storage
On-Chip Shared Memory (RAM)
OCMC_RAM
2.5MB
2.5MB
2.5MB
General-Purpose Memory Controller (GPMC)
GPMC
Yes
Yes
Yes
DDR3 Memory Controller (2)
EMIF1
up to 2GB
up to 2GB
up to 2GB
EMIF2
up to 2GB
up to 2GB
up to 2GB
Dynamic Memory Manager (DMM)
DMM
Yes
Yes
Yes
Radio Support



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com