Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM5728 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # AM5728
Description  Sitara Processors Silicon Revision 2.0
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5728 Datasheet(HTML) 1 Page - Texas Instruments

  AM5728 Datasheet HTML 1Page - Texas Instruments AM5728 Datasheet HTML 2Page - Texas Instruments AM5728 Datasheet HTML 3Page - Texas Instruments AM5728 Datasheet HTML 4Page - Texas Instruments AM5728 Datasheet HTML 5Page - Texas Instruments AM5728 Datasheet HTML 6Page - Texas Instruments AM5728 Datasheet HTML 7Page - Texas Instruments AM5728 Datasheet HTML 8Page - Texas Instruments AM5728 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 415 page
background image
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
AM5729, AM5728, AM5726
SPRS953F – DECEMBER 2015 – REVISED MAY 2019
AM572x Sitara™ Processors
Silicon Revision 2.0
1
Device Overview
1
1.1
Features
1
• Dual Arm® Cortex®-A15 microprocessor subsystem
• Up to 2 C66x floating-point VLIW DSP
– Fully object-code compatible with C67x and
C64x+
– Up to thirty-two 16 × 16-bit fixed-point multiplies
per cycle
• Up to 2.5MB of on-chip L3 RAM
• Two DDR3/DDR3L memory interface (EMIF)
modules
– Supports up to DDR3-1066
– Up to 2GB supported per EMIF
• 2x dual Arm® Cortex®-M4 co-processors (IPU1 and
IPU2)
• Up to four Embedded Vision Engines (EVEs)
• IVA-HD subsystem
– 4K @ 15fps encode and decode support for
H.264 CODEC
– Other CODECs are up to 1080p60
• Display subsystem
– Full-HD video (1920 × 1080p, 60 fps)
– Multiple video input and video output
– 2D and 3D graphics
– Display controller with DMA engine and up to
three pipelines
– HDMI® encoder: HDMI 1.4a and DVI 1.0
compliant
• 2x dual-core Programmable Real-Time Unit and
Industrial Communication SubSystem (PRU-ICSS)
• 2D-graphics accelerator (BB2D) subsystem
– Vivante® GC320 core
• Video Processing Engine (VPE)
• Dual-core PowerVR® SGX544™ 3D GPU
• Crypto hardware accelerators
– AES, SHA, RNG, DES and 3DES
• Three video Input Port (VIP) modules
• General-Purpose Memory Controller (GPMC)
• Enhanced Direct Memory Access (EDMA)
controller
• 2-port gigabit ethernet (GMAC)
• Sixteen 32-bit general-purpose timers
• 32-bit MPU watchdog timer
• Five Inter-Integrated Circuit ( I2C™) ports
• HDQ™/ 1-Wire® interface
• Ten configurable UART/IrDA/CIR modules
• Four Multichannel Serial Peripheral Interfaces
(McSPI)
• Quad SPI interface (QSPI)
• SATA gen2 interface
• Eight Multichannel Audio Serial Port (McASP)
modules
• SuperSpeed USB 3.0 dual-role device
• High-speed USB 2.0 dual-role device
• Four Multimedia Card/Secure Digital/Secure Digital
Input Output interfaces ( MMC™/ SD®/SDIO)
• PCI-Express® 3.0 subsystems with two 5-Gbps
lanes
– One 2-lane gen2-compliant port
– or two 1-lane gen2-compliant ports
• Dual Controller Area Network (DCAN) modules
– CAN 2.0B protocol
• Up to 247 General-Purpose I/O (GPIO) pins
• Power, Reset, and Clock Management (PRCM)
• On-chip debug with CTools technology
• 28-nm CMOS technology
• 23 mm × 23 mm, 0.8-mm pitch, 760-pin BGA
(ABC)


Similar Part No. - AM5728

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM5728 TI1-AM5728 Datasheet
4Mb / 415P
AM572x Sitara??Processors
AM5728 TI-AM5728 Datasheet
2Mb / 415P
AM572x SitaraTM Processors
AM5728BABCX TI1-AM5728BABCX Datasheet
4Mb / 415P
AM572x Sitara??Processors
AM5728BABCXA TI1-AM5728BABCXA Datasheet
4Mb / 415P
AM572x Sitara??Processors
AM5728BABCXEA TI1-AM5728BABCXEA Datasheet
4Mb / 415P
AM572x Sitara??Processors
More results

Similar Description - AM5728

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM5718 TI1-AM5718 Datasheet
3Mb / 388P
AM571x Sitara??Processors Silicon Revision 2.0
AM5718 TI1-AM5718_16 Datasheet
4Mb / 394P
Sitara Processors Silicon Revision 2.0
AM5718 TI1-AM5718_17 Datasheet
4Mb / 396P
Sitara Processors Silicon Revision 2.0
AM5718-HIREL TI1-AM5718-HIREL Datasheet
4Mb / 396P
Sitara Processors Silicon Revision 2.0
AM5748 TI1-AM5748 Datasheet
4Mb / 448P
Sitara Processors Silicon Revision 1.0
AM5749 TI1-AM5749 Datasheet
4Mb / 448P
Sitara Processors Silicon Revision 1.0
AM5749 TI1-AM5749_19 Datasheet
5Mb / 452P
Sitara Processors Silicon Revision 1.0
AM6548 TI-AM6548_V02 Datasheet
6Mb / 282P
AM654x, AM652x Sitara??Processors Silicon Revision 2.1
AM6548 TI1-AM6548_V03 Datasheet
6Mb / 282P
AM654x, AM652x Sitara??Processors Silicon Revision 2.1
AM6548 TI-AM6548_V04 Datasheet
6Mb / 284P
AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
REVISED JUNE 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com