Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM5728 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # AM5728
Description  Sitara Processors Silicon Revision 2.0
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5728 Datasheet(HTML) 7 Page - Texas Instruments

Back Button AM5728 Datasheet HTML 3Page - Texas Instruments AM5728 Datasheet HTML 4Page - Texas Instruments AM5728 Datasheet HTML 5Page - Texas Instruments AM5728 Datasheet HTML 6Page - Texas Instruments AM5728 Datasheet HTML 7Page - Texas Instruments AM5728 Datasheet HTML 8Page - Texas Instruments AM5728 Datasheet HTML 9Page - Texas Instruments AM5728 Datasheet HTML 10Page - Texas Instruments AM5728 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 415 page
background image
7
AM5729, AM5728, AM5726
www.ti.com
SPRS953F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: AM5729 AM5728 AM5726
Device Comparison
Copyright © 2015–2019, Texas Instruments Incorporated
Table 3-1. Device Comparison (continued)
FEATURES
DEVICE
AM5729
AM5728
AM5726
Audio Tracking Logic (ATL)
ATL
Not Supported (1)
Viterbi Coprocessor (VCP)
VCP1
Not Supported (1)
VCP2
Not Supported (1)
Peripherals
Dual Controller Area Network Interface (DCAN)
DCAN1
Yes
Yes
Yes
DCAN2
Yes
Yes
Yes
Enhanced DMA (EDMA)
EDMA
Yes
Yes
Yes
System DMA (DMA_SYSTEM)
DMA_SYSTEM
Yes
Yes
Yes
Ethernet Subsystem (Ethernet SS)
GMAC_SW[0]
MII, RMII, or RGMII
MII, RMII, or RGMII MII, RMII, or RGMII
GMAC_SW[1]
MII, RMII, or RGMII
MII, RMII, or RGMII MII, RMII, or RGMII
General-Purpose I/O (GPIO)
GPIO
up to 247
up to 247
up to 247
Inter-Integrated Circuit Interface (I2C)
I2C
5
5
5
System Mailbox Module
MAILBOX
13
13
13
Media Local Bus Subsystem (MLB) (3)
MLB
Not Supported (1)
Multichannel Audio Serial Port (McASP)
McASP1
16 serializers
16 serializers
16 serializers
McASP2
16 serializers
16 serializers
16 serializers
McASP3
4 serializers
4 serializers
4 serializers
McASP4
4 serializers
4 serializers
4 serializers
McASP5
4 serializers
4 serializers
4 serializers
McASP6
4 serializers
4 serializers
4 serializers
McASP7
4 serializers
4 serializers
4 serializers
McASP8
4 serializers
4 serializers
4 serializers
MultiMedia Card/Secure Digital/Secure Digital Input
Output Interface (MMC/SD/SDIO)
MMC1
1x UHSI 4b
1x UHSI 4b
1x UHSI 4b
MMC2
1x eMMC™ 8b
1x eMMC™ 8b
1x eMMC 8b
MMC3
1x SDIO 8b
1x SDIO 8b
1x SDIO 8b
MMC4
1x SDIO 4b
1x SDIO 4b
1x SDIO 4b
PCI Express 3.0 Port with Integrated PHY
PCIe_SS1
Yes
Yes
Yes
PCIe_SS2
Yes
Yes
Yes
2x Programmable Real-Time Unit Subsystem and
Industrial Communication Subsystem (PRU-ICSS)
PRU-ICSS1
Yes
Yes
Yes
PRU-ICSS2
Yes
Yes
Yes
Serial Advanced Technology Attachment (SATA)
SATA
Yes
Yes
Yes
Real-Time Clock Subsystem (RTCSS)
RTCSS (4)
Yes
Yes
Yes
Multichannel Serial Peripheral Interface (McSPI)
McSPI
4
4
4
HDQ / 1-Wire (HDQ1W)
HDQ1W
Yes
Yes
Yes
Quad SPI (QSPI)
QSPI
Yes
Yes
Yes
Spinlock Module
SPINLOCK
Yes
Yes
Yes
Keyboard Controller (KBD)
KBD
Yes
Yes
Yes
Timers, General-Purpose
TIMER
16
16
16
Timer, Watchdog
WATCHDOG
TIMER
Yes
Yes
Yes
Pulse-Width Modulation Subsystem (PWMSS)
PWMSS1
Yes
Yes
Yes
PWMSS2
Yes
Yes
Yes
PWMSS3
Yes
Yes
Yes
Universal Asynchronous Receiver/Transmitter
(UART)
UART
10
10
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com