Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM5728 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # AM5728
Description  Sitara Processors Silicon Revision 2.0
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5728 Datasheet(HTML) 8 Page - Texas Instruments

Back Button AM5728 Datasheet HTML 4Page - Texas Instruments AM5728 Datasheet HTML 5Page - Texas Instruments AM5728 Datasheet HTML 6Page - Texas Instruments AM5728 Datasheet HTML 7Page - Texas Instruments AM5728 Datasheet HTML 8Page - Texas Instruments AM5728 Datasheet HTML 9Page - Texas Instruments AM5728 Datasheet HTML 10Page - Texas Instruments AM5728 Datasheet HTML 11Page - Texas Instruments AM5728 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 415 page
background image
8
AM5729, AM5728, AM5726
SPRS953F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM5729 AM5728 AM5726
Device Comparison
Copyright © 2015–2019, Texas Instruments Incorporated
Table 3-1. Device Comparison (continued)
FEATURES
DEVICE
AM5729
AM5728
AM5726
Universal Serial Bus (USB3.0)
USB1
(SuperSpeed, Dual-
Role-Device [DRD])
Yes
Yes
Yes
Universal Serial Bus (USB2.0)
USB2 (High-Speed,
Dual-Role-Device
[DRD], with
embedded HS
PHY)
Yes
Yes
Yes
USB3 (High-Speed,
OTG2.0, with ULPI)
Not Supported (1)
USB4 (High-Speed,
OTG2.0, with ULPI)
Not Supported (1)
(1) Features noted as “not supported,” must not be used. Their functionality is not supported by TI for this family of devices. These features
are subject to removal without notice on future device revisions. Any information regarding the unsupported features has been retained
in the documentation solely for the purpose of clarifying signal names or for consistency with previous feature descriptions.
(2) In the Unified L3 memory map, there is maximum of 2GB of SDRAM space which is available to all L3 initiators including MPU (MPU,
GPU, DSP, IVA, DMA, etc). Typically this space is interleaved across both EMIFs to optimize memory performance. If a system
populates > 2GB of physical memory, that additional addressable space can be accessed only by the MPU via the Arm V7 Large
Physical Address Extensions (LPAE).
(3) MLB power rails (vdds_mlbp) must be connected to a 1.8V power supply even this feature is not supported.
(4) RTC only mode is not supported feature.
(5) For more details about the CTRL_WKUP_STD_FUSE_DIE_ID_2 register and Base PN bitfield, see the AM572x Sitara™ Processors
Silicon Revision 2.0, 1.1 (SPRUHZ6).
(6) The Embedded Vision Engine (EVE) consumes additional power when enabled. Therefore all designs using the AM5729 device must
implement the TPS6590379ZWSR PMIC which provides a separate SMPS output for vdd_dspeve. Please refer to the TPS659037
User's Guide to Power AM574x, AM572x, and AM571x (SLIU011) for more information. Be sure to use the Power Estimation Tool (PET)
to correctly size your system thermal solution.
3.1
Related Products
Sitara Processors Scalable processors based on Arm® Cortex®-A cores with flexible peripherals,
connectivity & unified software support – perfect for sensors to servers.
TI's Arm Cortex-A15 Advantage
The Arm Cortex-A15 processor is proven in a range of different
markets and is an increasingly popular choice in networking infrastructure, delivering high-
performance processing capability combined with low power consumption. The Cortex-A15
processor delivers roughly twice the performance of the Cortex-A9 processor and can
achieve 3.5 DMIPS/MHz.
Sitara Applications Sitara™ processors provide scalable solutions for a wide range of applications from
HMIs and gateways to more complex equipment such as drives and substation automation
equipment. Sitara Arm® processors offer scalability and reliability as well as multi-protocol
support for industrial communication protocols such as EtherCAT, Ethernet/IP and Profinet.
Reference Designs TI provides many reference designs containing ‘building block’ solutions to enable
customers to rapidly development of their unique products and solutions.
Companion Products for AM572x Review products that are frequently purchased or used in conjunction
with this product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com