Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSU8RF3421 Datasheet(PDF) 49 Page - Core Technology (Shenzhen) Co., Ltd.

Part # CSU8RF3421
Description  12-bit ADC 8 - bit RISC FLASH FLASH MCU
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPSEA [Core Technology (Shenzhen) Co., Ltd.]
Direct Link  http://www.chipsea.com/
Logo CHIPSEA - Core Technology (Shenzhen) Co., Ltd.

CSU8RF3421 Datasheet(HTML) 49 Page - Core Technology (Shenzhen) Co., Ltd.

Back Button CSU8RF3421 Datasheet HTML 45Page - Core Technology (Shenzhen) Co., Ltd. CSU8RF3421 Datasheet HTML 46Page - Core Technology (Shenzhen) Co., Ltd. CSU8RF3421 Datasheet HTML 47Page - Core Technology (Shenzhen) Co., Ltd. CSU8RF3421 Datasheet HTML 48Page - Core Technology (Shenzhen) Co., Ltd. CSU8RF3421 Datasheet HTML 49Page - Core Technology (Shenzhen) Co., Ltd. CSU8RF3421 Datasheet HTML 50Page - Core Technology (Shenzhen) Co., Ltd. CSU8RF3421 Datasheet HTML 51Page - Core Technology (Shenzhen) Co., Ltd. CSU8RF3421 Datasheet HTML 52Page - Core Technology (Shenzhen) Co., Ltd. CSU8RF3421 Datasheet HTML 53Page - Core Technology (Shenzhen) Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 131 page
background image
CSU8RF3421/CSU8RF3422/CSU8RF3423
R
Re
ev
v..1
1..2
2
第
第 4499 页
页,
,共
共 113311 页
页
3.4
定时/计数器 3
8 Bits
Counter
Compare
MUX
PT1.1
CKT3~CKT3/128
CKT3
T3RATE[2:0]
T3EN
T3CKS
MUX
超时溢出
TM3IN[7:0]
TM3R[7:0]
DIV2
PT5.1
PT5.1 IO电路
TM3LCK
BZ
PWM
PWM3OUT
T3OUT
两个MCK时钟采
样PT1.1
CPUCLK
MCK/4~MCK/32
CLKDIV[1:0]
MCK
MUX
T3SEL
MCK
图15
定时/计数器 3 模块的功能框图
定时/计数器 3 模块的输入是 TM3CLK。当用户设置了定时/计数器 3 模块的使能标志,8 bits 计数
器将启动,从 00h 递增到 TM3IN。用户需要设置 TM3IN(定时器模块中断信号选择器)以选择定时超
时中断信号。当定时超时发生时,BZ 输出信号发生跳变。
主要功能:
1) 8 位可编程定时器;
2) 外部事件计数;
3) 蜂鸣器输出;
4) PWM 输出;
3.4.1 寄存器描述
表 19
定时器寄存器列表
地
址
名称
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
上电复位
值
3ch INTF2
TM3IF
uuu0uuuu
3dh INTE2
TM3IE
uuu0uuuu
1bh TM3CON
T3EN
T3RATE[2:0]
T3CKS T3RSTB T3OUT PWM3OUT00000100
1ch TM3IN
TM3IN[7:0]
11111111
1dh TM3CNT
TM3CNT[7:0]
00000000
1eh TM3R
TM3R[7:0]
00000000
7eh METCH
T3SEL
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com