Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25LD20C Datasheet(PDF) 19 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LD20C
Description  Uniform Sector Standard and Dual Serial Flash
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LD20C Datasheet(HTML) 19 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LD20C Datasheet HTML 15Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD20C Datasheet HTML 16Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD20C Datasheet HTML 17Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD20C Datasheet HTML 18Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD20C Datasheet HTML 19Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD20C Datasheet HTML 20Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD20C Datasheet HTML 21Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD20C Datasheet HTML 22Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD20C Datasheet HTML 23Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 46 page
background image
Uniform Sector
Standard and Dual Serial Flash
GD25LD40C/20C
19
7.10.
32KB Block Erase (BE) (52H)
The 32KB Block Erase (BE) command is for erasing the all data of the chosen block. A Write Enable (WREN)
command must previously have been executed to set the Write Enable Latch (WEL) bit. The 32KB Block Erase (BE)
command is entered by driving CS# low, followed by the command code, and three address bytes on SI. Any address inside
the block is a valid address for the 32KB Block Erase (BE) command. CS# must be driven low for the entire duration of the
sequence.
The 32KB Block Erase command sequence: CS# goes low  sending 32KB Block Erase command  3-byte address
on SI  CS# goes high. The command sequence is shown in Figure10. CS# must be driven high after the eighth bit of the
last address byte has been latched in; otherwise the 32KB Block Erase (BE) command is not executed. As soon as CS# is
driven high, the self-timed Block Erase cycle (whose duration is tBE) is initiated. While the Block Erase cycle is in progress,
the Status Register is accessed to check the value of the Write In Progress (WIP) bit. The Write In Progress (WIP) bit is 1
during the self-timed Block Erase cycle, and becomes 0 when it is completed. At some unspecified time before the cycle is
completed, the Write Enable Latch (WEL) bit is reset. A 32KB Block Erase (BE) command applied to a block which is
protected by the Block Protect (BP2, BP1, BP0) bits (see Table1) is not executed.
Figure 10. 32KB Block Erase Sequence Diagram
7.11.
64KB Block Erase (BE) (D8H)
The 64KB Block Erase (BE) command is for erasing the all data of the chosen block. A Write Enable (WREN)
command must previously have been executed to set the Write Enable Latch (WEL) bit. The 64KB Block Erase (BE)
command is entered by driving CS# low, followed by the command code, and three address bytes on SI. Any address inside
the block is a valid address for the 64KB Block Erase (BE) command. CS# must be driven low for the entire duration of the
sequence.
The 64KB Block Erase command sequence: CS# goes low  sending 64KB Block Erase command  3-byte address
on SI  CS# goes high. The command sequence is shown in Figure11. CS# must be driven high after the eighth bit of the
last address byte has been latched in; otherwise the 64KB Block Erase (BE) command is not executed. As soon as CS# is
driven high, the self-timed Block Erase cycle (whose duration is tBE) is initiated. While the Block Erase cycle is in progress,
the Status Register is accessed to check the value of the Write In Progress (WIP) bit. The Write In Progress (WIP) bit is 1
during the self-timed Block Erase cycle, and becomes 0 when it is completed. At some unspecified time before the cycle is
completed, the Write Enable Latch (WEL) bit is reset. A 64KB Block Erase (BE) command applied to a block which is
protected by the Block Protect (BP2, BP1, BP0) bits (see Table1) is not executed.
Command
0
1
2
3
4
5
6
7
52H
CS#
SCLK
SI
8
9
29 30 31
MSB
2
1
0
24 Bits Address
23 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com