Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25LD20C Datasheet(PDF) 41 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LD20C
Description  Uniform Sector Standard and Dual Serial Flash
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LD20C Datasheet(HTML) 41 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LD20C Datasheet HTML 37Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD20C Datasheet HTML 38Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD20C Datasheet HTML 39Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD20C Datasheet HTML 40Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD20C Datasheet HTML 41Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD20C Datasheet HTML 42Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD20C Datasheet HTML 43Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD20C Datasheet HTML 44Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD20C Datasheet HTML 45Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 46 page
background image
Uniform Sector
Standard and Dual Serial Flash
GD25LD40C/20C
41
10.6.
Package USON8 (3x2mm, thickness 0.45mm)
D
E
Top View
L
E1
D1
L1
b
Bottom View
e
A1
Side View
c
A
1
4
8
5
PIN 1#
Dimensions
Symbol
A
A1
c
b
D
D1
E
E1
e
L
L1
Unit
mm
Min
0.40
0.00
0.10
0.20
2.90
0.15
1.90
1.55
0.50
0.30
0.10
Nom
0.45
0.02
0.15
0.25
3.00
0.20
2.00
1.60
0.35
Max
0.50
0.05
0.20
0.30
3.10
0.25
2.10
1.65
0.40
Note:
1. Both the package length and width do not include the mold flash.
2. The exposed metal pad area on the bottom of the package is floating.
3. Coplanarity ≤0.08mm. Package edge tolerance≤0.10mm.
4. The lead shape may be of little difference according to different package factories. These lead shapes
are compatible with each other.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com