Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25LD20C Datasheet(PDF) 22 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LD20C
Description  Uniform Sector Standard and Dual Serial Flash
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LD20C Datasheet(HTML) 22 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LD20C Datasheet HTML 18Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD20C Datasheet HTML 19Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD20C Datasheet HTML 20Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD20C Datasheet HTML 21Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD20C Datasheet HTML 22Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD20C Datasheet HTML 23Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD20C Datasheet HTML 24Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD20C Datasheet HTML 25Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD20C Datasheet HTML 26Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
Uniform Sector
Standard and Dual Serial Flash
GD25LD40C/20C
22
Figure 15. Release Power-Down and Read Device ID Sequence Diagram
7.15.
Read Manufacture ID/ Device ID (REMS) (90H)
The Read Manufacturer/Device ID command is an alternative to the Release from Power-Down / Device ID command
that provides both the JEDEC assigned Manufacturer ID and the specific Device ID.
The command is initiated by driving the CS# pin low and shifting the command code
“90H” followed by a 24-bit address
(A23-A0) of 000000H. After that, the Manufacturer ID and the Device ID are shifted out on the falling edge of SCLK with
most significant bit (MSB) first as shown in Figure16. If the 24-bit address is initially set to 000001H, the Device ID will be
read first.
Figure 16. Read Manufacture ID/ Device ID Sequence Diagram
7.16.
Read Identification (RDID) (9FH)
The Read Identification (RDID) command allows the 8-bit manufacturer identification to be read, followed by two bytes
of device identification. The device identification indicates the memory type in the first byte, and the memory capacity of the
device in the second byte. Any Read Identification (RDID) command while an Erase or Program cycle is in progress is not
decoded, and has no effect on the cycle that is in progress. The Read Identification (RDID) command should not be issued
while the device is in Deep Power-Down Mode.
The device is first selected by driving CS# low. Then, the 8-bit command code for the command is shifted in. This is
followed by the 24-bit device identification, stored in the memory. Each bit is shifted out on the falling edge of Serial Clock.
Command
0
1
2
3
4
5
6
7
ABH
CS#
SCLK
SI
8
9
29 30 31
MSB
2
1
0
3 Dummy Bytes
23 22
32 33 34 35 36 37 38
7
6
5
4
3
2
1
0
SO
MSB
t RES2
Stand-by Mode
Deep Power-down Mode
High-Z
Device ID
Command
0
1
2
3
4
5
6
7
90H
CS#
SCLK
SI
SO
High-Z
8
9 10
28 29 30 31
3
2
1
0
23 22 21
24-bit address
MSB
34 35 36 37
33
6
5
4
3
2
1
0
38 39
32
42 43 44 45
41
46 47
40
7
Device ID
CS#
SCLK
SI
SO
MSB
Manufacturer ID
6
5
4
3
2
1
0
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com