Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25LD20C Datasheet(PDF) 12 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LD20C
Description  Uniform Sector Standard and Dual Serial Flash
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LD20C Datasheet(HTML) 12 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LD20C Datasheet HTML 8Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD20C Datasheet HTML 9Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD20C Datasheet HTML 10Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD20C Datasheet HTML 11Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD20C Datasheet HTML 12Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD20C Datasheet HTML 13Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD20C Datasheet HTML 14Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD20C Datasheet HTML 15Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD20C Datasheet HTML 16Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 46 page
background image
Uniform Sector
Standard and Dual Serial Flash
GD25LD40C/20C
12
7. COMMANDS DESCRIPTION
All commands, addresses and data are shifted in and out of the device by the host system, with the most significant
bit first. On the first rising edge of SCLK after CS# is driven low, the one-byte command code must be shifted into the device,
with the most significant bit first on SI, and each bit being latched on the rising edges of SCLK.
See Table2, every command sequence starts with a one-byte command code. Depending on the command, this might
be followed by address bytes, or data bytes, or dummy bytes. CS# must be driven high after the last bit of the command
sequence has been completed.
For the command of Read, Fast Read, Read Status Register or Release from Deep Power-Down, and Read Device
ID, the shifted-in command sequence is followed by a data-out sequence. All read instruction can be completed after any
bit of the data-out sequence is being shifted out, and then CS# must be driven high to return to deselected status.
For the command of Page Program, Sector Erase, Block Erase, Chip Erase, Write Status Register, Write Enable,
Write Disable or Deep Power-Down command, CS# must be driven high exactly at a byte boundary, which means the clock
pulse number should be an exact multiple of eight. Otherwise the command is rejected to executed. Especially for Page
Program command, if at any time the input end is not a completed byte, nothing will be written into the memory array, neither
would WEL bit be reset.
Table2. Commands
Command Name
Byte 1
Byte 2
Byte 3
Byte 4
Byte 5
Byte 6
n-Bytes
Write Enable
06H
Write Disable
04H
Read Status Register
05H
(S7-S0)
(continuous)
Write Status Register
01H
S7-S0
Read Data
03H
A23-A16
A15-A8
A7-A0
(D7-D0)
(Next byte)
(continuous)
Fast Read
0BH
A23-A16
A15-A8
A7-A0
dummy
(D7-D0)
(continuous)
Dual Output
Fast Read
3BH
A23-A16
A15-A8
A7-A0
dummy
(D7-D0)(1)
(continuous)
Page Program
02H
A23-A16
A15-A8
A7-A0
D7-D0
Next byte
Sector Erase
20H
A23-A16
A15-A8
A7-A0
Block Erase(32K)
52H
A23-A16
A15-A8
A7-A0
Block Erase(64K)
D8H
A23-A16
A15-A8
A7-A0
Chip Erase
C7/60 H
Deep Power-Down
B9H
Release From Deep
Power-Down, And
Read Device ID
ABH
dummy
dummy
dummy
(DID7-
DID0)
(continuous)
Release From Deep
Power-Down
ABH
Manufacturer/
Device ID
90H
00H
00H
00H
(MID7-
MID0)
(DID7-
DID0)
(continuous)
Read Identification
9FH
(MID7-
MID0)
(JDID15-
JDID8)
(JDID7-
JDID0)
(continuous)
Read Unique ID
4BH
00H
00H
00H
dummy
(UID7-
UID0)
(continuous)
NOTE:
1. Dual Output data
IO0 = (D6, D4, D2, D0)
O1 = (D7, D5, D3, D1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com