Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25LE128D Datasheet(PDF) 67 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LE128D
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LE128D Datasheet(HTML) 67 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LE128D Datasheet HTML 63Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE128D Datasheet HTML 64Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE128D Datasheet HTML 65Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE128D Datasheet HTML 66Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE128D Datasheet HTML 67Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE128D Datasheet HTML 68Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE128D Datasheet HTML 69Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE128D Datasheet HTML 70Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE128D Datasheet HTML 71Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 78 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LE128D
67
(T= -40℃~125℃, VCC=1.65~2.0V, CL=30pf)
Symbol
Parameter
Min.
Typ.
Max.
Unit.
fC
Serial Clock Frequency For: all command except for 03H
104
MHz
fR
Serial Clock Frequency For: Read (03H)
80
MHz
tCLH
Serial Clock High Time
4.0
ns
tCLL
Serial Clock Low Time
4.0
ns
tCLCH
Serial Clock Rise Time (Slew Rate)
0.2
V/ns
tCHCL
Serial Clock Fall Time (Slew Rate)
0.2
V/ns
tSLCH
CS# Active Setup Time
5
ns
tCHSH
CS# Active Hold Time
5
ns
tSHCH
CS# Not Active Setup Time
5
ns
tCHSL
CS# Not Active Hold Time
5
ns
tSHSL
CS# High Time(read/write)
20
ns
tSHQZ
Output Disable Time
6
ns
tCLQX
Output Hold Time
1.2
ns
tDVCH
Data In Setup Time
2
ns
tCHDX
Data In Hold Time
2
ns
tHLCH
Hold# Low Setup Time (relative to Clock)
5
ns
tHHCH
Hold# High Setup Time (relative to Clock)
5
ns
tCHHL
Hold# High Hold Time (relative to Clock)
5
ns
tCHHH
Hold# Low Hold Time (relative to Clock)
5
ns
tHLQZ
Hold# Low To High-Z Output
6
ns
tHHQX
Hold# Low To Low-Z Output
6
ns
tCLQV
Clock Low To Output Valid (CL = 30pF)
7
ns
Clock Low To Output Valid (CL = 15pF)
6
ns
tWHSL
Write Protect Setup Time Before CS# Low
20
ns
tSHWL
Write Protect Hold Time After CS# High
100
ns
tDP
CS# High To Deep Power-Down Mode
20
μs
tRST
CS# High To Next Command After Reset (Except From Erase)
30
μs
tRST_E
CS# High To Next Command After Reset (From Erase)
12
ms
tRES1
CS# High To Standby Mode Without Electronic Signature Read
20
μs
tRES2
CS# High To Standby Mode With Electronic Signature Read
20
μs
tSUS
CS# High To Next Command After Suspend
20
μs
tRS
Latency Between Resume And Next Suspend
100
μs
tW
Write Status Register Cycle Time
5
30
ms
tPP
Page Programming Time
0.5
4
ms
tSE
Sector Erase Time
70
500
ms
tBE1
Block Erase Time (32K Bytes)
0.16
1.5
s
tBE2
Block Erase Time (64K Bytes)
0.3
3.0
s
tCE
Chip Erase Time (GD25LE128D)
50
150
s
Note:
1. Typical values given for TA=25°C.
2. Value guaranteed by design and/or characterization, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com