Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25LE128D Datasheet(PDF) 76 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LE128D
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LE128D Datasheet(HTML) 76 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LE128D Datasheet HTML 70Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE128D Datasheet HTML 71Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE128D Datasheet HTML 72Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE128D Datasheet HTML 73Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE128D Datasheet HTML 74Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE128D Datasheet HTML 75Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE128D Datasheet HTML 76Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE128D Datasheet HTML 77Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE128D Datasheet HTML 78Page - GigaDevice Semiconductor (Beijing) Inc.  
Zoom Inzoom in Zoom Outzoom out
 76 / 78 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LE128D
76
10.5. Package WLCSP
E
E1
X1
X2
Y1
D1
Y2
b
e
D
A3
A1
A2 A
TOP VIEW
BOTTOM VIEW
SIDE VIEW
P IN#1
e
1
2
3
4
5
6
A
B
C
D
E
F
P IN#1
e
Dimensions
Symbol
A
A1
A2
A3
D1
E1
e
b
X3
X4
X5
Unit
mm
Min
0.450
0.135
0.260
0.025
BSC
2.500
BSC
1.500
BSC
0.500
BSC
0.270
0.500
BSC
1.500
BSC
0.500
BSC
Nom
0.475
0.165
0.285
0.300
Max
0.500
0.195
0.310
0.330
Note:
1. Please contact Gigadevice for full dimension information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com