Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25LE128D Datasheet(PDF) 77 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LE128D
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LE128D Datasheet(HTML) 77 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LE128D Datasheet HTML 70Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE128D Datasheet HTML 71Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE128D Datasheet HTML 72Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE128D Datasheet HTML 73Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE128D Datasheet HTML 74Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE128D Datasheet HTML 75Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE128D Datasheet HTML 76Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE128D Datasheet HTML 77Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE128D Datasheet HTML 78Page - GigaDevice Semiconductor (Beijing) Inc.  
Zoom Inzoom in Zoom Outzoom out
 77 / 78 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LE128D
77
11. REVISION HISTORY
Version No
Description
Page
Date
1.0
Initial Release
All
Mar.10,2017
1.1
Modify Deep Power-Down Current:0.1~1uA change to 0.2~1uA
Add Package WLCSP
P61
P70
Mar.16,2017
1.2
Update Connection diagram
P5
May.17,2017
1.3
Update Connection diagram
Update Package WLCSP
P5
P70
May.19,2017
1.4
Modify Icc2 max. value from 1 to 5
Modify WLCSP Package
P61
P70
Jul. 25, 2017
1.5
Modify VWI from 1.4V to 1.5V
Input Pause Voltage
from “0.2VCC to 0.8VCC” to “0.1VCC to
0.8VCC
”
Input Timing Reference Voltage
from “0.3VCC to 0.7VCC” to
“0.2VCC to 0.7VCC”
Modify Icc2 max value from 5uA to 8uA
Update the description of the SOP8, VSOP8 and WSON8
packages
P58
P59
P59
P60
P65-68
Dec.26, 2017
1.6
Modify tVSL min. value from 5ms to 2.5ms
Modify the typ. value of Icc3: @120MHz from 15mA to 12mA,
@80MHz from 13mA to 10mA
Add tRS, of which the min value is 100us
Modify tPP typ. value from 0.7ms to 0.5ms
Modify tSE from 90-500ms to 70ms-400ms
Modify tBE1 typ. value from 0.3s to 0.16s
Modify tBE2 typ. value from 0.5s to 0.3s
Modify tCE from 100-200s to 50-120s
P58
P60
P61
P61
P61
P61
P61
P61
Jun. 11, 2018
1.7
Add 4BH command
Modify the sequence diagram of 42H command
Add AC/DC parameters @-40℃~105℃
Add AC/DC parameters @-40℃~125℃
P46
P48
P62, 65
P63, 66
Aug.27, 2018
1.8
Add tCLQV (CL = 15pF), of which the max value is 6ns
P64, 66, 67
Oct, 29, 2018



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com