Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25LE128D Datasheet(PDF) 75 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LE128D
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LE128D Datasheet(HTML) 75 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LE128D Datasheet HTML 70Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE128D Datasheet HTML 71Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE128D Datasheet HTML 72Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE128D Datasheet HTML 73Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE128D Datasheet HTML 74Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE128D Datasheet HTML 75Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE128D Datasheet HTML 76Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE128D Datasheet HTML 77Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE128D Datasheet HTML 78Page - GigaDevice Semiconductor (Beijing) Inc.  
Zoom Inzoom in Zoom Outzoom out
 75 / 78 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LE128D
75
10.4. Package WSON8 (8*6mm)
D
E
Top View
D2
E2
L
b
e
Bottom View
c
A1
A
Side View
1
4
PIN 1#
8
5
Dimensions
Symbol
A
A1
c
b
D
D2
E
E2
e
L
Unit
mm
Min
0.70
0.00
0.180
0.35
7.90
3.30
5.90
4.20
1.27
0.45
Nom
0.75
0.02
0.203
0.40
8.00
3.40
6.00
4.30
0.50
Max
0.80
0.05
0.250
0.45
8.10
3.50
6.10
4.40
0.55
Note:
1. Both the package length and width do not include the mold flash.
2. The exposed metal pad area on the bottom of the package is floating.
3. Coplanarity ≤0.08mm. Package edge tolerance≤0.10mm.
4. The lead shape may be of little difference according to different package lead frames. These lead
shapes are compatible with each other.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com