Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9208M-DS-R06 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # TC9208M-DS-R06
Description  8-Port 10/100/1000 Smart Ethernet Switch
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TC9208M-DS-R06 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button TC9208M-DS-R06 Datasheet HTML 6Page - List of Unclassifed Manufacturers TC9208M-DS-R06 Datasheet HTML 7Page - List of Unclassifed Manufacturers TC9208M-DS-R06 Datasheet HTML 8Page - List of Unclassifed Manufacturers TC9208M-DS-R06 Datasheet HTML 9Page - List of Unclassifed Manufacturers TC9208M-DS-R06 Datasheet HTML 10Page - List of Unclassifed Manufacturers TC9208M-DS-R06 Datasheet HTML 11Page - List of Unclassifed Manufacturers TC9208M-DS-R06 Datasheet HTML 12Page - List of Unclassifed Manufacturers TC9208M-DS-R06 Datasheet HTML 13Page - List of Unclassifed Manufacturers TC9208M-DS-R06 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 53 page
background image
TC9208M
Preliminary Data Sheet
Pin Listing (continued)
No.
Pin label
Type
Description
L4
RxData1_4
Is
GMII receive data - most significant nibble
L3
RxData1_5
Is
GMII receive data - most significant nibble
L2
RxData1_6
Is
GMII receive data - most significant nibble
L1
RxData1_7
Is
GMII receive data - most significant nibble
U4
selsck
Is
Selects the source for the system clock.
selsck - ‘1’ - sysck is driven by a 27Mhz external clock.
U1
Gtxck
I
The 125Mhz reference clock for 1000Mbps operating mode. This
clock is used as a reference clock for the GMII transmission clock for
every port.
V1
Vdd 2.0
P
Digital +2.0V power supply for core
V2
BcstLED
I/Opd The led can signal filtering of broadcast frames Also the led remains
lit if the POST test fails, which indicates a faulty chip.
V3
OvUnLED
O
The led is lit whenever a unicast packets overflow condition is reached
and some frames are dropped by the buffer management engine.
D9
Vss 2.0
G
Digital ground for core
U3
sysck
I
The 27Mhz system clock.
U2
reset
Ipus
General reset.
TxData2_7
GMII transmit data - most significant bit
W9
TrunkA
I/Opd
Trunk channel A configuration pin.
TrunkA - '0' - trunk channel A disabled
TrunkA - '1' - trunk channel A enabled
Trunk channel A is comprised from ports 0 and 1.
TrunkA is latched on reset
Y9
TxData2_6
I/Opd GMII transmit data - bit 6
TxData2_5
GMII transmit data - bit 5
Y8
TnkMod1
I/Opd
Trunk Balance Mode Select
TnkMod(1) is latched on reset
TxData2_4
GMII transmit data - bit 4
W8
TnkMod0
I/Opd
Trunk Balance Mode Select
TnkMod - '00' - Only the source port is used to select the transmission
port inside the trunk.
- '01' -Transmission port is selected using the source address.
- '10' -Transmission port is selected using the source and
destination addresses
- '11'- not used
TnkMod(0) is latched on reset
TxData2_3
GMII/MII transmit data - bit 3
V8
PriBndw1
I/Opd
Priority bandwidth configuration pins.
PriBndw(1)is latched on reset
N17 Vdd 2.0
P
Digital +2.0V power supply for core
Confidential.
10/53
August 1, 2003
Copyright © 2003, IC Plus Corp.
TC9208M-DS-R06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com