Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9208M-DS-R06 Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # TC9208M-DS-R06
Description  8-Port 10/100/1000 Smart Ethernet Switch
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TC9208M-DS-R06 Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button TC9208M-DS-R06 Datasheet HTML 32Page - List of Unclassifed Manufacturers TC9208M-DS-R06 Datasheet HTML 33Page - List of Unclassifed Manufacturers TC9208M-DS-R06 Datasheet HTML 34Page - List of Unclassifed Manufacturers TC9208M-DS-R06 Datasheet HTML 35Page - List of Unclassifed Manufacturers TC9208M-DS-R06 Datasheet HTML 36Page - List of Unclassifed Manufacturers TC9208M-DS-R06 Datasheet HTML 37Page - List of Unclassifed Manufacturers TC9208M-DS-R06 Datasheet HTML 38Page - List of Unclassifed Manufacturers TC9208M-DS-R06 Datasheet HTML 39Page - List of Unclassifed Manufacturers TC9208M-DS-R06 Datasheet HTML 40Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 53 page
background image
TC9208M
Preliminary Data Sheet
11.3.6
Flow Control Port Base Address Register
Confidential.
36/53
August 1, 2003
Copyright © 2003, IC Plus Corp.
TC9208M-DS-R06
- Address: 32h, 33h, 34h, 35h, 36h, 37h
47 46 45 44 43 42 41 40
FCBaseAddress
FCBaseAddress
31 30 29 28 27 26 25 24
39 38 37 36 35 34 33 32
7 6 5 4 3 2 1 0
23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8
Bit(s)
Field
Description
47 – 0
FCBaseAddress
Source port base address for flow control packets
FCBaseAddress
Contains a 48-bit MAC address used to generate the individual port address used in
direct flow control addressing. The port addresses are obtained by incrementing
this base address and assigning the result to the TC9208M’s ports starting with port
0. The least significant 5 bits of this address will be ignored and replaced with ‘0’, so
these bits will encode the port number in the actual port address.
11.3.7
Trunk Configuration Register
- Address: 3Ch
7 6 5 4 3 2 1 0
not used
TrunkA
TrunkMode
not used
TrunkConfig
Bit(s)
Field
Description
0
not used
Should set to”0”
1
TrunkA
Trunk channel A
3 - 2
TrunkMode
Trunk mode
7 – 4
not used
Not used
TrunkA
Setting this bit to ‘1’ will enable the trunk channel A, otherwise the trunk channel A
will be disabled. Default value is its corresponding TrunkA pin value.
TrunkMode
These bits will set the balancing method for loading the two ports within the same
trunk channel. When a method is selected, both trunk channels will follow it if they
are enabled. The balancing methods cannot be set individually for the two
channels. The TrunkMode configuration pins are in effect when the EEPROM is not
present.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com