Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9208M-DS-R06 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # TC9208M-DS-R06
Description  8-Port 10/100/1000 Smart Ethernet Switch
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TC9208M-DS-R06 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button TC9208M-DS-R06 Datasheet HTML 12Page - List of Unclassifed Manufacturers TC9208M-DS-R06 Datasheet HTML 13Page - List of Unclassifed Manufacturers TC9208M-DS-R06 Datasheet HTML 14Page - List of Unclassifed Manufacturers TC9208M-DS-R06 Datasheet HTML 15Page - List of Unclassifed Manufacturers TC9208M-DS-R06 Datasheet HTML 16Page - List of Unclassifed Manufacturers TC9208M-DS-R06 Datasheet HTML 17Page - List of Unclassifed Manufacturers TC9208M-DS-R06 Datasheet HTML 18Page - List of Unclassifed Manufacturers TC9208M-DS-R06 Datasheet HTML 19Page - List of Unclassifed Manufacturers TC9208M-DS-R06 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 53 page
background image
TC9208M
Preliminary Data Sheet
Pin Listing (continued)
No.
Pin label
Type
Description
J18
GTxClk5
O
GMII transmit clock
D13 Vdd 2.0
P
Digital +2.0V power supply for core
E17 TxEr5
I/Opd Transmit Error
H18 TxClk5
I
MII transmit clock
M20 Crs5
Is
MII carrier sense indication
M19 Col5
Is
MII collision indication
H19 RxEr5
Is
Receive Error
D12 Vss 2.0
G
Digital ground for core
J17
RxClk5
I
MII receive clock
H20 RxDv5
Is
GMII/MII data valid
L20
RxData5_0
Is
GMII receive data - least significant nibble.
MII receive data
L19
RxData5_1
Is
GMII receive data - least significant nibble.
MII receive data
L18
RxData5_2
Is
GMII receive data - least significant nibble.
MII receive data
K20 RxData5_3
Is
GMII receive data - least significant nibble.
MII receive data
K19 RxData5_4
Is
GMII receive data - most significant nibble
K18 RxData5_5
Is
GMII receive data - most significant nibble
J20
RxData5_6
Is
GMII receive data - most significant nibble
J19
RxData5_7
Is
GMII receive data - most significant nibble
D8
Vdd 2.0
P
Digital +2.0V power supply for core
D20 MDC
O
MDIO Clock.
D19 MDIO
I/Opu MDIO Data.
D6
Vss 2.0
G
Digital ground for core
D18 SCL
I/Opu EEPROM's serial clock.
C20 SDA
I/Opu EEPROM's serial data.
C19 TestInt
Ipd
TestInt - '0' - switch normal mode(default)
TestInt -'1' - internal memory test mode.
Confidential.
16/53
August 1, 2003
Copyright © 2003, IC Plus Corp.
TC9208M-DS-R06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com