Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9208M-DS-R06 Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # TC9208M-DS-R06
Description  8-Port 10/100/1000 Smart Ethernet Switch
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TC9208M-DS-R06 Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button TC9208M-DS-R06 Datasheet HTML 19Page - List of Unclassifed Manufacturers TC9208M-DS-R06 Datasheet HTML 20Page - List of Unclassifed Manufacturers TC9208M-DS-R06 Datasheet HTML 21Page - List of Unclassifed Manufacturers TC9208M-DS-R06 Datasheet HTML 22Page - List of Unclassifed Manufacturers TC9208M-DS-R06 Datasheet HTML 23Page - List of Unclassifed Manufacturers TC9208M-DS-R06 Datasheet HTML 24Page - List of Unclassifed Manufacturers TC9208M-DS-R06 Datasheet HTML 25Page - List of Unclassifed Manufacturers TC9208M-DS-R06 Datasheet HTML 26Page - List of Unclassifed Manufacturers TC9208M-DS-R06 Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 53 page
background image
TC9208M
Preliminary Data Sheet
After recognizing and executing appropriate flow control actions these frames will be also filtered. The
port address is obtained by adding the port’s number to the base address contained within EEPROM.
When no EEPROM is present and DisFdFC shared configuration pin is configured to high state, the
switch will inhibit its ability to send flow control packets on all ports while preserving its ability to receive
and act upon the incoming flow control packets. If this pin is configured to low state the switch will
execute symmetrical PAUSE operation as defined in 802.3x.
The function of enabling/disabling the flow control in the EEPROM enabling/disabling the flow control is
now available on a per port basis rather than setting flow control globally for all ports globally and separate
enabling/disabling flow control ability can be performed on either receive or transmit side of a port.
TC9208M can be instructed to ignore the auto-negotiation result for full duplex flow control ability. When the
FrcFdFC shared configuration pin or the equvalent register in the EEPROM is equal to 1, the link partner
will be considered to have full duplex flow control capable no matter of auto-negotiation result. The
FrcFdFC setting is effective only for ports configured in 10/100 Mbps speed modes. When the FrcGbFC
and the equivalent register in the EEPROM is equal to 1, the link partner will be considered symmetric and
asymmetric towards link partner full duplex flow control capable no matter of auto-negotiation result. The
FrcGbFC setting is effective only for ports configured in 1000 Mbps speed mode.
The TC9208M executes backpressure algorithm for half duplex flow control, supporting both
collision-based and carrier-based backpressure. For collision-based backpressure the switch will be
forced to send collision signals to the terminal that sends packets to TC9208M. While TC9208M detects
an incoming frame that it wishes to backpressure with carrier sense signals, the switch will start
transmission to that port. If no packet is available at that moment for transmission then the MAC layer will
generate short jamming frames. Additionally, an aggressive backoff will be executed by the transmit
MAC after each of the forced collisions. The transmit MAC will chose between 0 and 1 slot times to
backoff. This will grant a fast recovery for the switch's congested port and will secure the channel for the
congested port in case it wishes to transmit (empty its buffers). If desired, the backoff can be completely
disabled using shared configuration pin DisBPBk or EEPROM. In this case the switch will start
transmitting with minimum IFG after carrier sense is deasserted and followed after collision.
For carrier-based backpressure the switch will use the deferral mechanism rather than the collision
backoff mechanism. The transmit MAC will jam the line by sending continuous preamble. The link
partner will see the channel busy and thus it will defer transmission without imposing any additional
backoff delay. The jamming procedure will have short break to avoid jabber condition and the break will
also be short enough to prevent the other stations from starting transmission. Preamble can be sent this
way as long as necessary. If valid packets became available for transmission during this period then
jamming will be interrupted and the packets will be transmitted with standard IFG (Inter-Frame Gap). In
this case backpressure is executed the same way as collision based mechanism. Carrier based
backpressure can be selected using shared configuration pin CrBP or EEPROM.
Backpressure operation can be disabled globally using the shared configuration pin DisBkPr or per port
basis using the EEPROM. By default forward pressure is also enabled whenever back pressure is
enabled. Forward pressure is executed only in extreme congestion conditions that normally do not occur
often. This flow control procedure is highly efficient in minimizing the packet loss. If desired, the forward
pressure can be disabled by the EEPROM settings.
If a HUB is connected to many workstations, one of the ports may be partitioned in heavy traffic when the
switch executes backpressure. TC9208M can prevent this by discontinuing the backpressure process after
a predefined number of consecutive collisions have reached. This function can be enabled using the
shared configuration pin FullBP or adjusting EEPROM setting. Unlike other settings, to enable this feature
the pin/bit should be set to '0'. The respective number of collisions defaults to 28 and can be specified using
the EEPROM. In addition, when this feature is enabled the MAC will either grant receiving the next packet
without colliding it, after which, it will resume the backpressure, or will completely quit backpressure waiting
for a new XOFF command from internal flow control management device.
Confidential.
23/53
August 1, 2003
Copyright © 2003, IC Plus Corp.
TC9208M-DS-R06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com