Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6012IGN Datasheet(PDF) 8 Page - Linear Technology

Part # LT6012IGN
Description  Dual/Quad135uA, 14nV/Hz, Rail-to-Rail Output Precision Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6012IGN Datasheet(HTML) 8 Page - Linear Technology

Back Button LT6012IGN Datasheet HTML 4Page - Linear Technology LT6012IGN Datasheet HTML 5Page - Linear Technology LT6012IGN Datasheet HTML 6Page - Linear Technology LT6012IGN Datasheet HTML 7Page - Linear Technology LT6012IGN Datasheet HTML 8Page - Linear Technology LT6012IGN Datasheet HTML 9Page - Linear Technology LT6012IGN Datasheet HTML 10Page - Linear Technology LT6012IGN Datasheet HTML 11Page - Linear Technology LT6012IGN Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LT6011/LT6012
8
sn60112 60112fas
TYPICAL PERFOR A CE CHARACTERISTICS
Output Voltage Swing
vs Temperature
Output Saturation Voltage
vs Load Current (Output High)
Supply Current vs Supply Voltage
Warm-Up Drift
THD + Noise vs Frequency
THD + Noise vs Frequency
Settling Time vs Output Step
Output Saturation Voltage
vs Load Current (Output Low)
TEMPERATURE (
°C)
–50
–20
25
6011 G11
40
–25
0
50
20
V–
V+
–40
–60
60
75
100
125
VS = 5V, 0V
NO LOAD
OUTPUT HIGH
OUTPUT LOW
LOAD CURRENT (mA)
0.01
0.01
0.1
1
0.1
1
10
6011 G12
TA = 85°C
TA = 25°C
VS = 5V, 0V
TA = –40°C
LOAD CURRENT (mA)
0.01
0.01
0.1
1
0.1
1
10
6011 G13
TA = 85°C
TA = 25°C
VS = 5V, 0V
TA = –40°C
SUPPLY VOLTAGE (
±V)
0
300
400
500
16
6011 G14
200
100
250
350
450
150
50
0
4
2
8
6
12 14
18
10
20
PER AMPLIFIER
TA = 85°C
TA = –40°C
TA = 25°C
TIME AFTER POWER-ON (SECONDS)
0
1
2
3
30
60
90
120
6011 G15
150
±15V
±2.5V
FREQUENCY (Hz)
10
0.0001
0.01
10
1k
10k
100
100k
6011 G16
0.001
0.1
1
VS = 5V, 0V
VOUT = 2VP-P
TA = 25°C
AV = 1: RL = 10k
AV = –1: RF = RG = 10k
AV = –1
AV = 1
FREQUENCY (Hz)
10
0.0001
0.01
10
1k
10k
100
6011 G17
0.001
0.1
1
VS = ±15V
VIN = 20VP-P
TA = 25°C
AV = –1
AV = 1
SETTLING TIME (
µs)
0
0
2
6
8
10
20
40
50
90
6011 G18
4
10
30
60
70
80
VS = ±15V
AV = 1
0.1%
0.01%
0.01Hz to 1Hz Noise
TIME (SEC)
0
80
6011 G10
20
40
60
100
70
10
30
50
90
VS = ±15V
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com