Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6012IGN Datasheet(PDF) 3 Page - Linear Technology

Part # LT6012IGN
Description  Dual/Quad135uA, 14nV/Hz, Rail-to-Rail Output Precision Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6012IGN Datasheet(HTML) 3 Page - Linear Technology

  LT6012IGN Datasheet HTML 1Page - Linear Technology LT6012IGN Datasheet HTML 2Page - Linear Technology LT6012IGN Datasheet HTML 3Page - Linear Technology LT6012IGN Datasheet HTML 4Page - Linear Technology LT6012IGN Datasheet HTML 5Page - Linear Technology LT6012IGN Datasheet HTML 6Page - Linear Technology LT6012IGN Datasheet HTML 7Page - Linear Technology LT6012IGN Datasheet HTML 8Page - Linear Technology LT6012IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LT6011/LT6012
3
sn60112 60112fas
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VS = 5V, 0V; VCM = 2.5V; RL to 0V; unless otherwise specified. (Note 5)
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage (Note 8)
LT6011AS8, LT6012AS
20
60
µV
TA = 0°C to 70°C
q
85
µV
TA = –40°C to 85°C
q
110
µV
LT6011ADD, LT6012AGN
25
85
µV
TA = 0°C to 70°C
q
135
µV
TA = –40°C to 85°C
q
170
µV
LT6011S8, LT6012S
25
75
µV
TA = 0°C to 70°C
q
100
µV
TA = –40°C to 85°C
q
125
µV
LT6011DD, LT6012GN
30
125
µV
TA = 0°C to 70°C
q
175
µV
TA = –40°C to 85°C
q
210
µV
∆VOS/∆T
Input Offset Voltage Drift (Note 6)
LT6011AS8, LT6011S8, LT6012AS,LT6012S
q
0.2
0.8
µV/°C
LT6011ADD, LT6011DD,LT6012AGN, LT6012GN
q
0.2
1.2
µV/°C
IOS
Input Offset Current (Note 8)
LT6011AS8, LT6011ADD, LT6012AS,
LT6012AGN
20
300
pA
TA = 0°C to 70°C
q
450
pA
TA = –40°C to 85°C
q
600
pA
LT6011S8, LT6011DD, LT6012S,
LT6012GN
150
900
pA
TA = 0°C to 70°C
q
1200
pA
TA = –40°C to 85°C
q
1500
pA
IB
Input Bias Current (Note 8)
LT6011AS8, LT6011ADD, LT6012AS,
LT6012AGN
20
±300
pA
TA = 0°C to 70°C
q
±450
pA
TA = –40°C to 85°C
q
±600
pA
LT6011S8, LT6011DD, LT6012S,
LT6012GN
150
±900
pA
TA = 0°C to 70°C
q
±1200
pA
TA = –40°C to 85°C
q
±1500
pA
Input Noise Voltage
0.1Hz to 10Hz
400
nVP-P
en
Input Noise Voltage Density
f = 1kHz
14
nV/
√Hz
in
Input Noise Current Density
f = 1kHz, Unbalanced Source Resistance
0.1
pA/
√Hz
RIN
Input Resistance
Common Mode, VCM = 1V to 3.8V
10
120
G
Ω
Differential
20
M
Ω
CIN
Input Capacitance
4pF
VCM
Input Voltage Range (Positive)
Guaranteed by CMRR
q
3.8
4
V
Input Voltage Range (Negative)
Guaranteed by CMRR
q
0.7
1
V
CMRR
Common Mode Rejection Ratio
VCM = 1V to 3.8V
q
107
135
dB
Minimum Supply Voltage
Guaranteed by PSRR
q
2.4
2.7
V
PSRR
Power Supply Rejection Ratio
VS = 2.7V to 36V, VCM = 1/2VS
q
112
135
dB
AVOL
Large-Signal Voltage Gain
RL = 10k, VOUT = 1V to 4V
q
300
2000
V/mV
RL = 2k, VOUT = 1V to 4V
q
250
2000
V/mV
Channel Separation
VOUT = 1V to 4V
q
110
140
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com