Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6012IGN Datasheet(PDF) 4 Page - Linear Technology

Part # LT6012IGN
Description  Dual/Quad135uA, 14nV/Hz, Rail-to-Rail Output Precision Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6012IGN Datasheet(HTML) 4 Page - Linear Technology

  LT6012IGN Datasheet HTML 1Page - Linear Technology LT6012IGN Datasheet HTML 2Page - Linear Technology LT6012IGN Datasheet HTML 3Page - Linear Technology LT6012IGN Datasheet HTML 4Page - Linear Technology LT6012IGN Datasheet HTML 5Page - Linear Technology LT6012IGN Datasheet HTML 6Page - Linear Technology LT6012IGN Datasheet HTML 7Page - Linear Technology LT6012IGN Datasheet HTML 8Page - Linear Technology LT6012IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LT6011/LT6012
4
sn60112 60112fas
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VS = 5V, 0V; VCM = 2.5V; RL to 0V; unless otherwise specified. (Note 5)
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOUT
Maximum Output Swing
No Load, 50mV Overdrive
35
55
mV
(Positive, Referred to V+)
q
65
mV
ISOURCE = 1mA, 50mV Overdrive
120
170
m V
q
220
mV
Maximum Output Swing
No Load, 50mV Overdrive
40
55
m V
(Negative, Referred to 0V)
q
65
mV
ISINK = 1mA, 50mV Overdrive
150
225
m V
q
275
mV
ISC
Output Short-Circuit Current (Note 3) VOUT = 0V, 1V Overdrive, Source
10
14
m A
q
4mA
VOUT = 5V, –1V Overdrive, Sink
10
21
m A
q
4mA
SR
Slew Rate
AV = –10, RF = 50k, RG = 5k
0.06
0.09
V/
µs
TA = 0°C to 70°C
q
0.05
V/
µs
TA = –40°C to 85°C
q
0.04
V/
µs
GBW
Gain Bandwidth Product
f = 10kHz
250
330
kHz
q
225
kHz
ts
Settling Time
AV = –1, 0.01%, VOUT = 1.5V to 3.5V
45
µs
tr, tf
Rise Time, Fall Time
AV = 1, 10% to 90%, 0.1V Step
1
µs
∆VOS
Offset Voltage Match (Note 7)
LT6011AS8, LT6012AS
50
120
µV
TA = 0°C to 70°C
q
170
µV
TA = –40°C to 85°C
q
220
µV
LT6011ADD, LT6012AGN
50
170
µV
TA = 0°C to 70°C
q
270
µV
TA = –40°C to 85°C
q
340
µV
LT6011S8, LT6012S
50
150
µV
TA = 0°C to 70°C
q
200
µV
TA = –40°C to 85°C
q
250
µV
LT6011DD, LT6012GN
60
250
µV
TA = 0°C to 70°C
q
350
µV
TA = –40°C to 85°C
q
420
µV
∆IB
Input Bias Current Match (Note 7)
LT6011AS8, LT6011ADD, LT6012AS,
LT6012AGN
50
600
p A
TA = 0°C to 70°C
q
900
p A
TA = –40°C to 85°C
q
1200
pA
LT6011S8, LT6011DD, LT6012S,
LT6012GN
1800
p A
TA = 0°C to 70°C
q
2400
p A
TA = –40°C to 85°C
q
3000
pA
∆CMRR
Common Mode Rejection Ratio
q
101
135
d B
Match (Note 7)
∆PSRR
Power Supply Rejection Ratio
q
106
135
d B
Match (Note 7)
IS
Supply Current
per Amplifier
135
150
µA
TA = 0°C to 70°C
q
190
µA
TA = –40°C to 85°C
q
210
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com