Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6012IGN Datasheet(PDF) 10 Page - Linear Technology

Part # LT6012IGN
Description  Dual/Quad135uA, 14nV/Hz, Rail-to-Rail Output Precision Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6012IGN Datasheet(HTML) 10 Page - Linear Technology

Back Button LT6012IGN Datasheet HTML 6Page - Linear Technology LT6012IGN Datasheet HTML 7Page - Linear Technology LT6012IGN Datasheet HTML 8Page - Linear Technology LT6012IGN Datasheet HTML 9Page - Linear Technology LT6012IGN Datasheet HTML 10Page - Linear Technology LT6012IGN Datasheet HTML 11Page - Linear Technology LT6012IGN Datasheet HTML 12Page - Linear Technology LT6012IGN Datasheet HTML 13Page - Linear Technology LT6012IGN Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LT6011/LT6012
10
sn60112 60112fas
Small-Signal Transient Response
Large-Signal Transient Response
Rail-to-Rail Output Swing
20mV/DIV
AV = 1
2
µs/DIV
6011 G28
2V/DIV
AV = –1
50
µs/DIV
6011 G29
VS = ±15V
1V/DIV
AV = –1
100
µs/DIV
6011 G30
VS = 5V, 0V
TYPICAL PERFOR A CE CHARACTERISTICS
0V
0V
Preserving Input Precision
Preserving the input accuracy of the LT6011/LT6012 re-
quires that the applications circuit and PC board layout do
not introduce errors comparable to or greater than the 25
µV
typical offset of the amplifiers. Temperature differentials
across the input connections can generate thermocouple
voltages of 10’s of microvolts so the connections to the input
leads should be short, close together and away from heat
dissipating components. Air currents across the board can
also generate temperature differentials.
The extremely low input bias currents (20pA typical) allow
high accuracy to be maintained with high impedance
sources and feedback resistors. The LT6011/LT6012 low
input bias currents are obtained by a cancellation circuit
on-chip. This causes the resulting IB+ and IB– to be
uncorrelated, as implied by the IOS specification being
comparable to IB.Donottrytobalancetheinputresistances
in each input lead; instead keep the resistance at either input
as low as possible for maximum accuracy.
Leakage currents on the PC board can be higher than the
input bias current. For example, 10G
Ωofleakagebetween
a 15V supply lead and an input lead will generate 1.5nA!
Surround the input leads with a guard ring driven to the
same potential as the input common mode to avoid exces-
sive leakage in high impedance applications.
Input Protection
The LT6011/LT6012 feature on-chip back-to-back diodes
between the input devices, along with 500
Ω resistors in
series with either input. This internal protection limits the
input current to approximately 10mA (the maximum al-
lowed) for a 10V differential input voltage. Use additional
external series resistors to limit the input current to 10mA
in applications where differential inputs of more than 10V
are expected. For example, a 1k resistor in series with each
input provides protection against 30V differential voltage.
Input Common Mode Range
The LT6011/LT6012 output is able to swing close to each
power supply rail (rail-to-rail out), but the input stage is
limited to operating between V–+ 1V and V+– 1.2V. Exceed-
ing this common mode range will cause the gain to drop
to zero, however, no phase reversal will occur.
Total Input Noise
The LT6011/LT6012 amplifier contributes negligible noise
to the system when driven by sensors (sources) with
impedance between 20k
Ω and 1MΩ. Throughout this
range, total input noise is dominated by the 4kTRS noise
of the source. If the source impedance is less than 20k
Ω,
the input voltage noise of the amplifier starts to contribute
with a minimum noise of 14nV/
√Hzforverylowsourceim-
pedance. If the source impedance is more than 1M
Ω, the
input current noise of the amplifier, multiplied by this high
impedance, starts to contribute and eventually dominate.
Total input noise spectral density can be calculated as:
v
e
kTR
i R
n TOTAL
n
S
n S
()
()
=+
+
2
2
4
APPLICATIO S I FOR ATIO
5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com