Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR730FZ1T7 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STR730FZ1T7
Description  ARM7TDMI 32-BIT MCU WITH FLASH, 3x CAN, 4 UARTs, 20 TIMERS, ADC, 12 COMM. INTERFACES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR730FZ1T7 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STR730FZ1T7 Datasheet HTML 9Page - STMicroelectronics STR730FZ1T7 Datasheet HTML 10Page - STMicroelectronics STR730FZ1T7 Datasheet HTML 11Page - STMicroelectronics STR730FZ1T7 Datasheet HTML 12Page - STMicroelectronics STR730FZ1T7 Datasheet HTML 13Page - STMicroelectronics STR730FZ1T7 Datasheet HTML 14Page - STMicroelectronics STR730FZ1T7 Datasheet HTML 15Page - STMicroelectronics STR730FZ1T7 Datasheet HTML 16Page - STMicroelectronics STR730FZ1T7 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
STR73xF Data Brief
13/22
Legend / Abbreviations for Table 3:
Type:
I = input, O = output, S = supply, HiZ= high impedance,
In/Output level: TT= TTL 0.8V / 2V with input trigger
CT= CMOS 0.3VDD/0.7VDD with input trigger
Port and control configuration:
– Input:
pu/pd = with internal 100k
Ω weak pull-up or pull down
– Output:
OD = open drain (logic level)
PP = push-pull
Interrupts:
INTx =external interrupt line
WUPx =Wake-Up interrupt line
The reset state of the I/O ports is input floating. To avoid excess power consumption, unused I/O ports
must be tied to ground.
Table 3. STR73xF Pin Description
Pin n°
Pin Name
Input
Output
Main
function
(after
reset)
Alternate function
1
A1
1
P0.0/OCMPB2
I/O
TT
2mA X
X
Port 0.0 TIM2: Output Compare B output
2
B2
2
P0.1/OCMPA2
I/O
TT
2mA X
X
Port 0.1 TIM2: Output Compare A output
3
C2
3
P0.2/ICAPA2
I/O
TT
2mA X
X
Port 0.2 TIM2: Input Capture A input
4
C3
4
P0.3/ICAPB2
I/O
TT
2mA X
X
Port 0.3 TIM2: Input Capture B input
5D1
VSS
S
Ground for digital I/O (5V)
6D2
VDD
S
Supply voltage for digital I/O (5V)
7
B1
5
P0.4/OCMPA5
I/O
TT
2mA X
X
Port 0.4 TIM5: Output Compare A output
8
C1
6
P0.5/OCMPB5
I/O
TT
2mA X
X
Port 0.5 TIM5: Output Compare B output
9
D3
7
P0.6/ICAPA5
I/O
TT
2mA X
X
Port 0.6 TIM5: Input Capture A input
10
D4
P0.7/ICAPB5
I/O
TT
2mA X
X
Port 0.7 TIM5: Input Capture B input
11
E1
P0.8/OCMPA6
I/O
TT
2mA X
X
Port 0.8 TIM6: Output Compare A output
12
E2
P0.9/OCMPB6
I/O
TT
2mA X
X
Port 0.9 TIM6: Output Compare B output
13
E3
P0.10/OCMPA7 I/O
TT
2mA X
X
Port
0.10
TIM7: Output Compare A output
14
E4
P0.11/OCMPB7 I/O
TT
2mA X
X
Port
0.11
TIM7: Output Compare B output
15
F1
8
VDD
S
Supply voltage for digital I/O (5V)
16
G1
9
VSS
S
Ground for digital I/O (5V)
17
E5
10
P0.12/ICAPA3
I/O
TT
2mA X
X
Port
0.12
TIM3: Input Capture A input
18
F2
11
P0.13/ICAPB3
I/O
TT
2mA X
X
Port
0.13
TIM3: Input Capture B input
19
F3
12
P0.14/OCMPB3 I/O
TT
2mA X
X
Port
0.14
TIM3: Output Compare B output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com