Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR730FZ1T7 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STR730FZ1T7
Description  ARM7TDMI 32-BIT MCU WITH FLASH, 3x CAN, 4 UARTs, 20 TIMERS, ADC, 12 COMM. INTERFACES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR730FZ1T7 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STR730FZ1T7 Datasheet HTML 12Page - STMicroelectronics STR730FZ1T7 Datasheet HTML 13Page - STMicroelectronics STR730FZ1T7 Datasheet HTML 14Page - STMicroelectronics STR730FZ1T7 Datasheet HTML 15Page - STMicroelectronics STR730FZ1T7 Datasheet HTML 16Page - STMicroelectronics STR730FZ1T7 Datasheet HTML 17Page - STMicroelectronics STR730FZ1T7 Datasheet HTML 18Page - STMicroelectronics STR730FZ1T7 Datasheet HTML 19Page - STMicroelectronics STR730FZ1T7 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
STR73xF Data Brief
16/22
75 K11 53
VSSA
S
Reference ground for A/D converter
76 K10 54
VDDA
S
Reference voltage for A/D converter
77
J12 55
P3.8/AIN8
I/O
TT
2mA X
X
Port 3.8
ADC: Analog input 8
(AIN4 in TQFP100)
78
J11 56
P3.9/AIN9
I/O
TT
2mA X
X
Port 3.9
ADC: Analog input 9
(AIN5 in TQFP100)
79 L12 57
P3.10/AIN10
I/O
TT
2mA X
X
Port
3.10
ADC: Analog input 10
(AIN6 in TQFP100)
80 K12 58
P3.11/AIN11
I/O
TT
2mA X
X
Port
3.11
ADC: Analog input 11
(AIN7 in TQFP100)
81
J10 59
P3.12/AIN12
I/O
TT
INT2
2mA X
X
Port
3.12
ADC: Analog input 12
(AIN8 in TQFP100)
82
J9
60
P3.13/AIN13
I/O
TT
INT3
2mA X
X
Port
3.13
ADC: Analog input 13
(AIN9 in TQFP100)
83 H12 61
P3.14/AIN14
I/O
TT
INT4
2mA X
X
Port
3.14
ADC: Analog input 14
(AIN10 in TQFP100)
84 H11 62
P3.15/AIN15
I/O
TT
INT5
2mA X
X
Port
3.15
ADC: Analog input 15
(AIN11 in TQFP100)
85 H10 63
VDD
S
Supply voltage for digital I/O (5V)
86
H9
64
VSS
S
Ground for digital I/O (5V)
87 G12 65
JTRST
ITT
JTAG Reset Input
88 F12 66
JTDI
I
TT pu
JTAG Data input
89
H8
67
JTMS
I
TT pu
JTAG Mode Selection Input
90 G11 68
JTCK
I
TT pd
JTAG Clock Input
91 G10 69
JTDO
O
4mA
JTAG data output.
Note: Reset state = HiZ
92
G9
70
VSS
S
Ground for digital I/O (5V)
93
G8
71
VDD
S
Supply voltage for digital I/O (5V)
94
G7
P4.0/ICAPA7
I/O
TT
WUP24 2mA X
X
Port 4.0 TIM7: Input Capture A input
95 F11
P4.1/ICAPB7
I/O
TT
WUP25 2mA X
X
Port 4.1 TIM7: Input Capture B input
96 F10
P4.2/ICAPA8
I/O
TT
WUP26 2mA X
X
Port 4.2 TIM8: Input Capture A input
97
F9
P4.3/ICAPB8
I/O
TT
WUP27 2mA X
X
Port 4.3 TIM8: Input Capture B input
98
F8
P4.4/CAN2TX
I/O
TT
2mA X
X
Port 4.4 CAN2: Transmit Data output
99 E12
P4.5/CAN2RX
I/O
TT
WUP18 2mA X
X
Port 4.5 CAN2: Receive Data input
100 E11 72
P4.6/SCL1
I/O
TT
WUP19 2mA X
X
Port 4.6 I2C1:Serial Clock
101 C12 73
P4.7/SDA1
I/O
TT
2mA X
X
Port 4.7 I2C1:Serial Data
102 B12
P4.8/OCMPA8
I/O
TT
2mA X
X
Port 4.8 TIM8: Output Compare A output
103 E10
P4.9/ICAPB6
I/O
TT
2mA X
X
Port 4.9 TIM6: Input Capture B input
Table 3. STR73xF Pin Description
Pin n°
Pin Name
Input
Output
Main
function
(after
reset)
Alternate function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com