Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR730FZ1T7 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STR730FZ1T7
Description  ARM7TDMI 32-BIT MCU WITH FLASH, 3x CAN, 4 UARTs, 20 TIMERS, ADC, 12 COMM. INTERFACES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR730FZ1T7 Datasheet(HTML) 5 Page - STMicroelectronics

  STR730FZ1T7 Datasheet HTML 1Page - STMicroelectronics STR730FZ1T7 Datasheet HTML 2Page - STMicroelectronics STR730FZ1T7 Datasheet HTML 3Page - STMicroelectronics STR730FZ1T7 Datasheet HTML 4Page - STMicroelectronics STR730FZ1T7 Datasheet HTML 5Page - STMicroelectronics STR730FZ1T7 Datasheet HTML 6Page - STMicroelectronics STR730FZ1T7 Datasheet HTML 7Page - STMicroelectronics STR730FZ1T7 Datasheet HTML 8Page - STMicroelectronics STR730FZ1T7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
STR73xF Data Brief
5/22
Buffered Serial Peripheral Interfaces (BSPI)
Each of the three BSPIs allow full duplex, synchronous communications with external devices,
master or slave communication at up 6 Mb/s (@36 MHz System Clock).
I2C Interfaces
The two I2C Interfaces provide multi-master and slave functions, support normal and fast I2C
mode (400 kHz) and 7 or 10-bit addressing modes.
A/D Converter
The 10-bit Analog to Digital Converter, converts up to 16 channels in single-shot or
continuous conversion modes (12 channels in 100-pin devices). The minimum conversion
time is 3us.
Watchdog
The 16-bit Watchdog Timer protects the application against hardware or software failures and
ensures recovery by generating a reset.
I/O Ports
Up to 112 I/O ports (72 in 100-pin devices) are programmable as general purpose input/
output or Alternate Function.
External Interrupts and Wake-Up Lines
16 external interrupts lines are available for application use. In addition, up to 32 external
Wakeup lines (18 in 100-pin devices) can be used as general purpose interrupts or to
wake-up the application from STOP mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com