Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR730FZ1T7 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STR730FZ1T7
Description  ARM7TDMI 32-BIT MCU WITH FLASH, 3x CAN, 4 UARTs, 20 TIMERS, ADC, 12 COMM. INTERFACES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR730FZ1T7 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STR730FZ1T7 Datasheet HTML 11Page - STMicroelectronics STR730FZ1T7 Datasheet HTML 12Page - STMicroelectronics STR730FZ1T7 Datasheet HTML 13Page - STMicroelectronics STR730FZ1T7 Datasheet HTML 14Page - STMicroelectronics STR730FZ1T7 Datasheet HTML 15Page - STMicroelectronics STR730FZ1T7 Datasheet HTML 16Page - STMicroelectronics STR730FZ1T7 Datasheet HTML 17Page - STMicroelectronics STR730FZ1T7 Datasheet HTML 18Page - STMicroelectronics STR730FZ1T7 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
STR73xF Data Brief
15/22
51
M6
37
VSS
S
Ground for digital I/O (5V)
52
M7
38
XTAL1
I
Oscillator amplifier circuit input and internal
clock generator input.
53
H5
39
XTAL2
O
Oscillator amplifier circuit output.
54
L6
40
VSS
S
Ground for digital I/O (5V)
55
K6
41
P2.8/TDO1/
CAN2RX
I/O
TT
2mA X
X
Port 2.8
UART1: Transmit
Data output
CAN2: Receive
Data input
(TQFP100 only)
56
J6
42
P2.9/RDI1/
CAN2TX
I/O
TT
WUP14 2mA X
X
Port 2.9
UART1: Receive
Data input
CAN2: Transmit
Data output
(TQFP100 only)
57
H6
P2.10
I/O
TT
WUP16 2mA X
X
Port
2.10
58
G6
P2.11
I/O
TT
WUP17 2mA X
X
Port
2.11
59
L7
P2.12
I/O
TT
INT14 2mA X
X
Port
2.12
60
K7
P2.13
I/O
TT
INT15 2mA X
X
Port
2.13
61
J7
43
P2.14/SCL0
I/O
TT
WUP15 2mA X
X
Port
2.14
I2C0:Serial Clock
62
H7
44
P2.15/SDA0
I/O
TT
2mA X
X
Port
2.15
I2C0:Serial Data
63
M8
45
Test
I
pd
Reserved pin. Must be tied to ground
64
L8
46
VBIAS
S
Internal RC Oscillator bias. A 1.3M
Ω external
resistor has to be connected to this pin when a
32kHZ RC oscillator frequency is used.
65 M10 47
VSS
S
Ground for digital I/O (5V)
66 M11 48
VDD
S
Supply voltage for digital I/O (5V)
67
K8
P3.0/AIN0
I/O
TT
2mA X
X
Port 3.0 ADC: Analog input 0
68
J8
P3.1/AIN1
I/O
TT
2mA X
X
Port 3.1 ADC: Analog input 1
69
M9
P3.2/AIN2
I/O
TT
2mA X
X
Port 3.2 ADC: Analog input 2
70
L9
P3.3/AIN3
I/O
TT
2mA X
X
Port 3.3 ADC: Analog input 3
71
K9
49
P3.4/AIN4
I/O
TT
2mA X
X
Port 3.4
ADC: Analog input 4
(AIN0 in TQFP100)
72 L10 50
P3.5/AIN5
I/O
TT
2mA X
X
Port 3.5
ADC: Analog input 5
(AIN1 in TQFP100)
73 M12 51
P3.6/AIN6
I/O
TT
2mA X
X
Port 3.6
ADC: Analog input 6
(AIN2 in TQFP100)
74 L11 52
P3.7/AIN7
I/O
TT
2mA X
X
Port 3.7
ADC: Analog input 7
(AIN3 in TQFP100)
Table 3. STR73xF Pin Description
Pin n°
Pin Name
Input
Output
Main
function
(after
reset)
Alternate function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com