Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8480JS Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP8480JS
Description  Monolithic, 12-Bit Data Acquisition System
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8480JS Datasheet(HTML) 1 Page - Sipex Corporation

  SP8480JS Datasheet HTML 1Page - Sipex Corporation SP8480JS Datasheet HTML 2Page - Sipex Corporation SP8480JS Datasheet HTML 3Page - Sipex Corporation SP8480JS Datasheet HTML 4Page - Sipex Corporation SP8480JS Datasheet HTML 5Page - Sipex Corporation SP8480JS Datasheet HTML 6Page - Sipex Corporation SP8480JS Datasheet HTML 7Page - Sipex Corporation SP8480JS Datasheet HTML 8Page - Sipex Corporation SP8480JS Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
289
CONTROL
LOGIC
MULTIPLEXER
CLOCK
REFERENCE
12-BIT A/D
CONVERTER
MUX DECODE
DESCRIPTION…
The SP8480 Series are complete monolithic data acquisition systems, featuring 8-channel
multiplexer, internal reference and 12-bit sampling A/D converter in 28–pin plastic DIP or SOIC
packages. Linearity errors of
±0.5 and ±1.0 LSB, and Differential Non-linearity to 12-bits are
guaranteed, with no missing codes over temperature. Multiplexer settling plus acquisition time
is 1.9
µs maximum; A/D conversion time is 8.1µs maximum.
s Complete Monolithic 8-Channel, 12-Bit
DAS
s 100kHz Throughput
s 16-Bit Microprocessor Bus Interface
s MUX Inputs Overvoltage Protected
s Parallel 8/4-Bit Nibble Output
s Tri-State Latched Output
s No Missing Codes to 12-Bits
s 28-pin SOIC and PDIP package
s 200mW Max Power Dissipation
(140mw Typ.)
*Formerly part of the SP410 Series.
SP8480*
Monolithic, 12–Bit Data Acquisition System


Similar Part No. - SP8480JS

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP8481 SIPEX-SP8481 Datasheet
208Kb / 12P
Monolithic, 12-Bit Data Acquisition System
SP8481AP SIPEX-SP8481AP Datasheet
208Kb / 12P
Monolithic, 12-Bit Data Acquisition System
SP8481AS SIPEX-SP8481AS Datasheet
208Kb / 12P
Monolithic, 12-Bit Data Acquisition System
SP8481BP SIPEX-SP8481BP Datasheet
208Kb / 12P
Monolithic, 12-Bit Data Acquisition System
SP8481BS SIPEX-SP8481BS Datasheet
208Kb / 12P
Monolithic, 12-Bit Data Acquisition System
More results

Similar Description - SP8480JS

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP8121 SIPEX-SP8121 Datasheet
168Kb / 13P
Monolithic, 12-Bit Data Acquisition System
logo
Analog Devices
AD1362 AD-AD1362 Datasheet
431Kb / 8P
16-Channel,12-Bit Data Acquisition System
logo
Linear Technology
LTC1290 LINER-LTC1290 Datasheet
381Kb / 28P
Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291 Datasheet
376Kb / 20P
Single Chip 12-Bit Data Acquisition System
LTC1293 LINER-LTC1293 Datasheet
494Kb / 28P
Single Chip 12-Bit Data Acquisition System
logo
Burr-Brown (TI)
ADS7833 BURR-BROWN-ADS7833 Datasheet
150Kb / 12P
10-Channel, 12-Bit DATA ACQUISITION SYSTEM
logo
Sipex Corporation
SP8481 SIPEX-SP8481 Datasheet
208Kb / 12P
Monolithic, 12-Bit Data Acquisition System
logo
Linear Technology
LTC1290CCJ LINER-LTC1290CCJ Datasheet
623Kb / 32P
Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291_15 Datasheet
339Kb / 20P
Single Chip 12-Bit Data Acquisition System
logo
Texas Instruments
LM12454 TI1-LM12454 Datasheet
1Mb / 43P
12-Bit Sign Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com