Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8480JS Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP8480JS
Description  Monolithic, 12-Bit Data Acquisition System
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8480JS Datasheet(HTML) 2 Page - Sipex Corporation

  SP8480JS Datasheet HTML 1Page - Sipex Corporation SP8480JS Datasheet HTML 2Page - Sipex Corporation SP8480JS Datasheet HTML 3Page - Sipex Corporation SP8480JS Datasheet HTML 4Page - Sipex Corporation SP8480JS Datasheet HTML 5Page - Sipex Corporation SP8480JS Datasheet HTML 6Page - Sipex Corporation SP8480JS Datasheet HTML 7Page - Sipex Corporation SP8480JS Datasheet HTML 8Page - Sipex Corporation SP8480JS Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
290
ABSOLUTE MAXIMUM RATINGS
V
CC to Common Ground ............................................... 0V to +16.5V
V
LOGIC to Common Ground .................................................. 0V to +7V
Analog Common to Digital Common Ground ............... -0.5V to +1V
Digital Inputs to Common Ground ...................... -0.5V to V
LOGIC+0.5V
Digital Outputs to Common Ground ................... -0.5V to V
LOGIC+0.5V
Multiplexer Analog Inputs ...................................... -16.5V to +31.5V
Gain and Offset Adjustment ................................. -0.5V to V
CC+0.5V
Analog Input Maximum Current ............................................. 25mA
Temperature with Bias Applied ............................. -55
°C to +125°C
Storage Temperature ............................................ -65
°C to +150°C
Lead Temperature, Soldering .................................... 300
°C, 10sec
SPECIFICATIONS
(T
A= 25°C and nominal supply voltages unless otherwise noted)
MIN.
TYP.
MAX.
UNIT
CONDITIONS
ANALOG INPUTS
Input Voltage Range
0 to +5
V
Multiplexer Inputs
8
Configuration
Single-ended
Input Impedance
ON Channel
109
Ω
Parallel with 30pF
OFF Channel
1010
Ω
Parallel with 5pF
Input Bias Current
Per Channel
±10
nA
25
°C
±250
nA
-55
°C to +125°C
Crosstalk
OFF to ON Channel
-90
dB
10kHz, 0V to +5V
pk-to-pk
-80
dB
50kHz, 0V to +5V
pk-to-pk
-70
dB
100kHz, 0V to +5V
pk-to-pk
ACCURACY
Resolution
12
Bits
Linearity Error
–K, –B
±0.5
LSB
–J, –A
±1
LSB
Differential Non-Linearity
–K, –B
±1
LSB
–J, –A
±2
LSB
Offset Error
±2
LSB
Adjustable to zero
Gain Error
±0.3
%FSR
Adjustable to zero
No Missing Codes
–K, –B
Guaranteed
TRANSFER CHARACTERISTICS
Throughput Rate
100
kHz
MUX Settling/Acquisition
1.9
µs
A/D Conversion
8.1
µs
STABILITY
Linearity
±0.5
±2.5
ppm/
°C
Offset
±5
±25
ppm/
°C
Gain
±10
±50
ppm/
°C
DIGITAL INPUTS
Capacitance
5
pF
Logic Levels
V
IH
+2.4
+5.5
V
V
IL
-0.5
+0.8
V
I
IH
±5
µA
I
IL
±5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com