Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8480JS Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP8480JS
Description  Monolithic, 12-Bit Data Acquisition System
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8480JS Datasheet(HTML) 4 Page - Sipex Corporation

  SP8480JS Datasheet HTML 1Page - Sipex Corporation SP8480JS Datasheet HTML 2Page - Sipex Corporation SP8480JS Datasheet HTML 3Page - Sipex Corporation SP8480JS Datasheet HTML 4Page - Sipex Corporation SP8480JS Datasheet HTML 5Page - Sipex Corporation SP8480JS Datasheet HTML 6Page - Sipex Corporation SP8480JS Datasheet HTML 7Page - Sipex Corporation SP8480JS Datasheet HTML 8Page - Sipex Corporation SP8480JS Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
292
PIN FUNCTION…
A
0 — Device Address — Logic low enables 8
MSB read; logic high enables 4 LSB read
STATUS — Identifies valid data output; goes to
logic high during conversion; goes to logic low
when conversion is completed and data is valid
R/C — Read/Convert — Initiates conversion on
the high-to-low transition; logic low disconnects
data bus; logic high initiates read
CE — Chip Enable — Logic low disables read
or convert; logic high enables read or convert
MA
0, MA1, MA2 — MUX Address 0, 1 & 2 —
Selects analog input channels CH
0 through CH7
DB
0 through DB11 — Data Outputs — Logic
high is binary true; logic low binary false
1
16
234567
8
9 10 11 12 13 14
15
17
23 22 21 20 19 18
24
28 27 26 25
12-BIT ADC
8-CHANNEL
MULTIPLEXER
DECODE
REF
MULTIPLEXER TRUTH TABLE
MA
2
MA
1
MA
0
OPERATION
00
0
CH
O Selected
00
1
CH
1 Selected
01
0
CH
2 Selected
01
1
CH
3 Selected
10
0
CH
4 Selected
10
1
CH
5 Selected
11
0
CH
6 Selected
11
1
CH
7 Selected
CONTROL TRUTH TABLE
A
O
R/C
OPERATION
X
H ->L
Start Conversion
0
1
Enable 8 MSBs
1
1
Enable 4 LSBs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com